RG1-403S-R15
AI

The **RG1-403S-R15** belongs to the family of high-performance, shielded power inductors, typically manufactured by companies like **Sumida** or similar power component specialists. These components are designed for high-density power supply circuits.
---
### ## 1. Technical Specifications
The part number follows a specific nomenclature that defines its electrical characteristics:
| Feature | Specification | Description |
| :--- | :--- | :--- |
| **Inductance** | 0.15 µH | Indicated by the "R15" suffix. |
| **Tolerance** | ±20% (Typical) | Standard industry tolerance for power inductors. |
| **Mounting Type** | Surface Mount (SMD) | Designed for automated PCB assembly. |
| **Shielding** | Magnetic Shielding | Reduces EMI (Electromagnetic Interference). |
| **Configuration** | Single Inductor | Standard two-terminal power component. |
---
### ## 2. Core Electronic Characteristics
The RG1-series is engineered for efficiency in modern DC-DC converters.
* **Low DCR (Direct Current Resistance):** The internal windings are designed to minimize heat dissipation and voltage drops, ensuring high efficiency even under heavy loads.
* **High Saturation Current ($I_{sat}$):** The core material is optimized to maintain inductance even when high current peaks occur, preventing the inductor from "bottoming out."
* **Magnetic Shielding:** The component is encapsulated in a magnetic material that contains the magnetic flux, preventing interference with sensitive nearby components (like CPUs or RF modules).
---
### ## 3. Applications and Usage
Due to its low inductance value (0.15 µH), this part is typically used in **high-frequency switching regulators**.
#### Common Use Cases:
1. **Point of Load (POL) Converters:** Used in motherboards and servers to step down voltage for processors.
2. **GPU Power Phases:** High-current, low-inductance parts are essential for the rapid current demands of graphics cards.
3. **Voltage Regulator Modules (VRM):** Essential for stable power delivery in telecom and industrial computing.
---
### ## 4. Physical Dimensions (Typical)
*While dimensions can vary slightly by manufacturer, the RG1 series generally follows a compact footprint:*
* **Footprint:** Small form factor (e.g., 4mm x 4mm or similar depending on the specific "403" designation).
* **Construction:** Metal composite or ferrite core with a flat-top surface for vacuum pick-and-place machines.
---
- ⤷
What is the maximum saturation current (Isat) for the RG1-403S-R15?
- ⤷ How does a 0.15 µH inductor compare to a 1.0 µH inductor in terms of ripple current?
- ⤷ Are there specific layout recommendations for shielding this inductor on a PCB?