AI

The **RFT-220D-R** is typically categorized as a high-performance **2.2-inch TFT LCD display module**, often used in embedded systems, handheld instruments, and industrial control panels.
Below is a breakdown of its core electronic components and technical specifications.
---
## 1. Core Technical Specifications
The performance of the RFT-220D-R is defined by its resolution and signaling capabilities.
| Parameter | Specification |
| :--- | :--- |
| **Display Type** | TFT (Thin Film Transistor) LCD |
| **Screen Size** | 2.2 Inches |
| **Resolution** | 240 x 320 Pixels (QVGA) |
| **Color Depth** | 65K / 262K Colors (16-bit / 18-bit) |
| **Interface** | MCU 8-bit / 16-bit Parallel or SPI |
| **Backlight** | White LED (typically 3-4 LEDs in parallel/series) |
---
## 2. Key Electronic Components
The functionality of the module relies on three main electronic sub-systems:
### A. The Controller/Driver IC
Most versions of this module use the **ILI9341** or a compatible driver (like the ST7789). This IC acts as the "brain" of the display, handling:
* **Gram (Graphics RAM):** Storing pixel data.
* **Voltage Conversion:** Generating the high voltages required to flip the liquid crystals.
* **Timing Control:** Managing the refresh rate of the screen.
### B. Flexible Printed Circuit (FPC)
The FPC is the orange/brown ribbon cable that connects the glass display to your PCB. It contains:
* **Passive Components:** Surface-mount resistors and capacitors for power filtering and noise reduction.
* **Gold-plated Contacts:** Usually a 37-pin or 40-pin connector layout.
### C. Backlight Circuit
The backlight usually consists of high-brightness White LEDs.
* **Electronic Requirement:** It requires a constant current driver.
* **Voltage:** Typically ranges from **3.0V to 3.3V**.
* **Current:** Approximately **60mA to 80mA**.
---
## 3. Pinout & Connectivity Logic
To operate the RFT-220D-R, the following electronic signals must be managed:
| Signal Category | Pins | Function |
| :--- | :--- | :--- |
| **Power** | VCC, GND | Supplies logic power (usually 2.8V - 3.3V). |
| **Data Bus** | D0 - D15 | Transfers pixel and command data. |
| **Control** | CS, RS, WR, RD | Chip Select, Register Select, Write, and Read strobes. |
| **Reset** | RESET | Hardware reset to initialize the Driver IC. |
| **LED** | LED-A, LED-K | Anode and Cathode for the backlight power. |
---
## 4. Implementation Example (Initialization)
When programming for this part, the electronic initialization sequence usually looks like this in C++:
```cpp
void LCD_Init() {
LCD_Write_Command(0x01); // Software Reset
delay(100);
LCD_Write_Command(0x11); // Exit Sleep Mode
LCD_Write_Command(0x3A); // Set Pixel Format (e.g., 16-bit)
LCD_Write_Data(0x55);
LCD_Write_Command(0x29); // Display ON
}
```
---
- ⤷
What is the exact pinout for the 37-pin version of the RFT-220D-R?
- ⤷ Can this display be driven by a 5V Arduino without level shifters?
- ⤷ How do I calculate the current limiting resistor for the backlight LED?