RF-5800-RU
AI

The **RF-5800-RU** (Remote Unit) is a specialized peripheral component belonging to the Harris (now L3Harris) Falcon II series of tactical radio systems. Its primary function is to allow operators to control a base-stationed or vehicle-mounted radio (like the RF-5800H or RF-5800V) from a distance of up to 3.5 kilometers via standard field wire.
Below is an explanation of the core electronic parts and functional blocks of the unit.
---
### 1. Core Electronic Components
The RF-5800-RU is designed for ruggedness and high-fidelity signal transmission over long-distance copper lines.
| Component Group | Key Parts / Technologies | Function |
|:---|:---|:---|
| **Digital Processor** | Microcontroller / DSP | Manages the user interface, LCD display, and serial data encoding for remote control. |
| **Modem Interface** | FSK or HDSL Line Drivers | Converts digital control data into analog signals suitable for transmission over field wire (WD-1/TT). |
| **Audio Processing** | Operational Amplifiers & Codecs | Handles voice signal amplification and noise cancellation for the handset interface. |
| **Power Management** | DC-DC Converters | Regulates power input (usually 12V or 24V DC) to internal logic levels (3.3V/5V). |
| **Human-Machine Interface** | Keypad & Backlit LCD | Allows the user to change frequencies, modes, and encryption settings remotely. |
---
### 2. Functional Architecture
The internal electronics are divided into three main functional stages:
#### A. Data Link Layer (Long-Line Interface)
Since the unit operates at distances up to 3.5km, it utilizes a robust line driver. It uses a **balanced differential signal** to minimize electromagnetic interference (EMI) and signal attenuation over the twisted pair field wire.
#### B. User Interface & Control
The front panel consists of:
* **Keypad Matrix:** Silicon-domed buttons for tactile feedback in harsh environments.
* **LCD Module:** A monochrome, night-vision-goggle (NVG) compatible display that mirrors the main radio's screen.
* **Status LEDs:** Indicators for "Fill," "Power," and "Alarm."
#### C. Audio & I/O Ports
* **6-Pin Audio Connector:** Standard U-229/U type connector for H-250 handsets or tactical headsets.
* **Serial Data Port:** Used for programming or connecting a ruggedized laptop/PDA for data transmissions.
---
### 3. Technical Specifications
| Feature | Specification |
|:---|:---|
| **Input Voltage** | 10.5 to 32 VDC |
| **Communication Protocol** | Proprietary Harris Serial over Two-Wire |
| **Max Distance** | 3.5 km (2.1 miles) |
| **Environmental Rating** | MIL-STD-810 (Immersion, Shock, Vibration) |
| **Operating Temp** | -40°C to +70°C |
---
### 4. Connectivity Diagram (Simplified)
```mermaid
graph LR
A[Handset] --- B(RF-5800-RU Remote Unit)
B --- C{Field Wire / WD-1}
C --- D(RF-5800H/V Main Radio)
D --- E[Antenna]
```
- ⤷
What are the specific pinouts for the RF-5800-RU field wire connection?
- ⤷ How does the unit handle encryption keys (COMSEC) during remote operation?
- ⤷ Can the RF-5800-RU be used to bridge two different radio networks?