công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • REF0816331M025

  • AI
    Based on the part number **REF0816331M025**, this component is a **Radial Aluminum Electrolytic Capacitor**. The alphanumeric string follows a standard industry naming convention used by several Japanese and global manufacturers (such as Rubycon, Nichicon, or United Chemi-Con). ### Component Breakdown The part number can be decoded into the following specifications: | Segment | Value | Description | | :--- | :--- | :--- | | **REF** | Series Code | Often indicates a specific series (e.g., Low ESR, High Temperature, or Long Life). | | **0816** | Case Size | Dimensions: **8mm (Diameter) x 16mm (Length)**. | | **331** | Capacitance | **330 µF** (33 followed by 1 zero, measured in pF for ceramic, but here it represents the microfarad value code). | | **M** | Tolerance | **±20%** (Standard tolerance for electrolytic capacitors). | | **025** | Rated Voltage | **25 Volts DC**. | --- ### Technical Specifications Aluminum electrolytic capacitors are polarized components commonly used in power management and signal filtering. * **Capacitance:** 330 microfarads (µF). * **Voltage Rating:** 25V (Maximum continuous operating voltage). * **Polarity:** Polarized (Has a defined positive and negative lead; the negative is usually marked with a stripe on the sleeve). * **Mounting Type:** Through-hole (Radial leads). * **Dielectric:** Aluminum Oxide. ### Common Applications 1. **Power Supply Filtering:** Smoothing rectified AC into stable DC. 2. **Decoupling:** Providing a local energy reservoir to prevent voltage drops near integrated circuits. 3. **Bypass:** Shunting high-frequency noise to the ground. 4. **Audio Circuits:** Used for coupling stages or power stabilization in amplifiers. ### Handling and Safety > [!CAUTION] > **Polarity:** Ensure the capacitor is installed with the correct orientation. Reversing the polarity can cause the component to overheat, leak electrolyte, or explode. > **Voltage Margin:** It is best practice to use a capacitor with a voltage rating at least 20% higher than the actual operating voltage of the circuit. ---
    ✨ Follow-up Questions
    • ⤷What is the typical lifespan of this type of capacitor at its maximum temperature?
    • ⤷ How do I identify the negative lead on a radial capacitor?
    • ⤷ Can I replace a 25V capacitor with a 50V capacitor of the same capacitance?