công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • REBS-HG-R

  • AI
    The **REBS-HG-R** (often associated with high-performance braking or energy recovery systems in automotive/industrial contexts, such as those from REBS Zentralschmiertechnik or specialized racing components) typically refers to a high-speed, high-grade Rotary Electronic Braking System component. Below is a breakdown of the electronic architecture and functional components typically found in this series. --- ## 1. Core Electronic Components The system relies on a combination of sensing, actuation, and control logic to manage mechanical force via electronic signals. | Component Type | Specific Part/Function | Description | | :--- | :--- | :--- | | **Control Unit (ECU)** | Integrated Microcontroller | Processes input signals (PWM/CAN) to determine torque or clamping force. | | **Actuator** | Brushless DC Motor (BLDC) | Provides the mechanical motion; chosen for high response time and reliability. | | **Position Sensor** | Hall Effect or Encoder | Monitors the exact position of the rotor/piston for closed-loop feedback. | | **Power Stage** | MOSFET/IGBT Bridge | Switches high current to drive the actuator motor. | | **Communication** | CAN-Bus / LIN-Bus | Interfaces with the vehicle or master machine controller. | --- ## 2. Functional Electronic Features ### A. Closed-Loop Feedback The "R" in the suffix often denotes **Remote** or **Regenerative** capability. The electronics use a feedback loop to ensure the commanded position matches the physical state. * **Current Sensing:** Shunt resistors monitor motor current to prevent overheating and detect mechanical jams. * **Thermal Protection:** NTC thermistors monitor the PCB and motor temperature. ### B. Signal Processing The REBS-HG-R utilizes specific signal types for industrial or automotive integration: 1. **Input:** 0-10V Analog or PWM (Pulse Width Modulation). 2. **Logic Voltage:** Typically 12V or 24V DC. 3. **Data Rate:** High-speed CAN (500kbps+) for real-time braking adjustments. --- ## 3. Technical Specifications (General Range) While specific data varies by exact model revision, the HG (High Grade) series typically follows these electronic parameters: ```json { "electrical_specs": { "operating_voltage": "18V - 32V DC", "peak_current": "25A", "standby_current": "< 50mA", "ingress_protection": "IP67", "communication_protocol": "CAN 2.0B / SAE J1939" } } ``` --- ## 4. Key Electronic Advantages * **Hysteresis Control:** Advanced algorithms reduce the "lag" between signal input and mechanical execution. * **Fail-Safe Logic:** In the event of a power loss, the electronic gate driver is designed to return the system to a "Safe State" (usually fully retracted or locked, depending on application). * **EMI/EMC Shielding:** High-grade shielding to prevent interference from other high-power industrial electronics.
    ✨ Follow-up Questions
    • ⤷ What is the specific pinout configuration for the REBS-HG-R connector?
    • ⤷ How does the regenerative braking electronic circuit differ from the standard HG model?
    • ⤷ Which diagnostic software is used to calibrate the REBS-HG-R sensors?