công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • REBS-G1-R

  • AI
    The **REBS-G1-R** is an industrial-grade **Regenerative Energy Braking System** (often associated with brands like Shihlin Electric or specialized motor control manufacturers). It is designed to handle excess energy generated by a motor during deceleration or braking by feeding it back into the power grid rather than dissipating it as heat through resistors. --- ### Core Electronic Components The REBS-G1-R consists of several high-power electronic stages to manage energy conversion and synchronization. | Component Category | Description | Primary Function | |:---|:---|:---| | **IGBT Power Modules** | High-speed Insulated Gate Bipolar Transistors. | Converts DC bus voltage back into AC for the grid. | | **DC Bus Link** | Large electrolytic capacitor bank. | Smoothes the voltage ripple from the motor drive. | | **Synchronization Circuit** | Phase-locked loop (PLL) sensors. | Matches the output frequency and phase to the utility grid. | | **Current Sensors** | Hall Effect or shunt sensors. | Monitors energy flow to prevent overcurrent conditions. | | **EMI/RFI Filter** | High-frequency noise suppression coils. | Reduces electromagnetic interference sent back to the line. | --- ### Technical Specifications (Typical) The "G1" series usually refers to a specific power class, while "R" signifies the regenerative capability. * **Input Voltage:** 3-Phase 380V - 480V AC (typically). * **Operating Frequency:** 50/60 Hz (±5%). * **Efficiency:** Often >95% compared to traditional braking resistors. * **Protection Rating:** Usually IP20 or IP00 for cabinet mounting. --- ### Comparison: Regenerative vs. Resistive Braking | Feature | Resistive Braking (Dynamic) | Regenerative (REBS-G1-R) | |:---|:---|:---| | **Energy Usage** | Wasted as heat. | Recycled back to the grid. | | **Heat Generation** | High (requires cooling). | Very Low. | | **Space Required** | Large (external resistors). | Compact (integrated unit). | | **Cost Impact** | Low initial cost / High long-term. | High initial cost / Low long-term. | --- ### Wiring and Integration The unit is typically wired in parallel with the DC bus of a Variable Frequency Drive (VFD). ```text [ Power Grid ] <---> [ REBS-G1-R ] <--- (DC Bus + / -) ---> [ VFD / Inverter ] <---> [ Motor ] ``` 1. **Terminals P(+) and N(-):** Connected to the DC bus of the inverter. 2. **Terminals R/S/T:** Connected to the AC power line. 3. **Control Terminals:** Usually includes an "Enable" signal and "Fault" relay output for the PLC or main controller.
    ✨ Follow-up Questions
    • ⤷ What is the maximum power capacity of the G1-R model?
    • ⤷ Can this unit be used with any brand of VFD?
    • ⤷ How does the REBS unit handle grid voltage fluctuations?