công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • REBS-F4-R

  • AI
    The **REBS-F4-R** is an electronic module typically associated with advanced robotics, motion control, or specialized industrial automation systems (often linked to the REBS series of flight controllers or electronic speed controllers in specific UAV/Robotics contexts). Below is a breakdown of the electronic components and technical architecture typically found in this class of hardware. --- ### 1. Core Technical Specifications The "F4" designation generally refers to the **STM32F4 series microcontroller** which serves as the brain of the unit. | Feature | Description | | :--- | :--- | | **Microcontroller (MCU)** | STM32F405 or STM32F411 (ARM Cortex-M4) | | **Clock Speed** | 168MHz to 100MHz | | **Operating Voltage** | 3.3V (Internal) / 5V-12V (Input) | | **Communication** | UART, I2C, SPI, and CAN Bus | | **IO Ports** | PWM Outputs, Analog Inputs, Digital GPIOs | --- ### 2. Key Electronic Subsystems #### A. Processing Unit (MCU) The **STM32F4 chip** provides the floating-point unit (FPU) necessary for complex mathematical calculations, such as PID loops for motor stabilization or sensor fusion. #### B. Power Management (PMU) * **Voltage Regulators (LDO/Buck):** Converts the input battery voltage down to a stable 5V for peripherals and 3.3V for the MCU. * **Filtering Capacitors:** High-quality Tantalum or Ceramic capacitors used to reduce electrical noise from motors. #### C. Sensors (IMU) Most "F4-R" boards include an Internal Measurement Unit (IMU): * **Gyroscope/Accelerometer:** (e.g., MPU6000 or ICM series) to detect orientation and motion. * **Barometer:** (Optional) for altitude sensing. #### D. Connectivity Interface * **UART Ports:** For connecting GPS modules or Telemetry. * **Micro-USB/Type-C:** For firmware flashing and configuration via PC. * **Flash Memory:** Onboard Blackbox chip (usually 8MB-16MB) for logging flight or operational data. --- ### 3. Circuit Protection Features The "-R" suffix often indicates a "Ruggedized" or "Revised" version with specific protections: 1. **TVS Diodes:** Protects the logic circuits from voltage spikes (Inductive kickback). 2. **Current Sensor:** An onboard shunt resistor to monitor real-time power consumption. 3. **Opto-Isolators:** (In some industrial versions) to separate high-power motor noise from sensitive logic signals. --- ### 4. Summary Table of Hardware Components | Component Type | Part Example | Function | | :--- | :--- | :--- | | **Processor** | ARM Cortex-M4 | Logic execution and signal processing | | **OSD Chip** | AT7456E | Overlaying data onto video signals (if used in UAVs) | | **BEC** | 5V/2A Buck Converter | Powers external sensors and receivers | | **Inverter** | Built-in Sbus Inverter | Allows communication with specialized RC receivers | ---
    ✨ Follow-up Questions
    • ⤷ What are the specific wiring pinouts for the REBS-F4-R?
    • ⤷ Which firmware (Betaflight
    • ⤷ iNav
    • ⤷ or Custom) is most compatible with this board?
    • ⤷ Does the REBS-F4-R support 6S battery input directly?