công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • REBS-E3-R

  • AI
    The **REBS-E3-R** is an advanced electronic control unit specifically designed for **Remote Explosive Bundle Systems (REBS)**. It serves as the "brain" for initiating and managing demolition charges or pyrotechnic devices from a safe distance using encrypted radio frequencies. --- ### Core Electronic Specifications | Component | Technical Detail | | :--- | :--- | | **Microcontroller** | High-reliability 32-bit architecture with safety-redundant logic. | | **Frequency Range** | Typically operates in the UHF or VHF band (often 400-470 MHz). | | **Encryption** | AES-128 or AES-256 bit encryption for secure signal transmission. | | **Power Supply** | Internal Rechargeable Li-Ion or standard AA/CR123 battery sets. | | **Output Type** | Dual-channel high-voltage firing pulse (CDI - Capacitive Discharge Ignition). | --- ### Key Electronic Sub-Systems #### 1. RF Transceiver Module This is the communication hub. It allows the unit to receive "Arm" and "Fire" commands. It features: * **Frequency Hopping:** To prevent jamming or accidental interference. * **Two-Way Link:** Sends telemetry back to the operator (battery status, continuity check). #### 2. Safety Interlock Circuitry To prevent accidental detonation, the REBS-E3-R uses a multi-stage safety protocol: * **Mechanical Safety:** Physical switches that must be engaged. * **Digital Handshake:** The receiver will not fire unless it recognizes a unique digital ID from the transmitter. * **Shunting:** The firing lines are electronically shunted (shorted) until the final firing command is processed. #### 3. Power Management & Firing Capacitors The electronic heart of the firing mechanism consists of: * **DC-DC Converters:** Steps up low battery voltage to a high voltage (often 300V+) stored in capacitors. * **Energy Storage:** Large capacitors hold the charge necessary to overcome the resistance of long lead wires or multiple blasting caps. --- ### Operational Features 1. **Continuity Testing:** The electronics perform a low-current check on the firing circuit to ensure the blasting caps are properly connected without initiating them. 2. **Environmental Sealing:** The PCB (Printed Circuit Board) is usually conformal coated to resist moisture, vibration, and extreme temperatures. 3. **Visual Interface:** Uses sunlight-readable LED indicators or an OLED display to show the "Armed" status and signal strength. ---
    ✨ Follow-up Questions
    • ⤷What is the maximum effective range of the REBS-E3-R communication link?
    • ⤷ How does the system handle signal interference in urban environments?
    • ⤷ What are the specific battery life ratings for the E3-R model in standby mode?