REBS-45-R
AI

The **REBS-45-R** is a specialized high-performance electronic braking system component, typically used in industrial automation, robotics, and heavy-duty motor control. It is a **Regenerative Braking Unit** designed to dissipate or recycle energy generated when a motor decelerates.
---
### 1. Key Technical Specifications
The "REBS" series generally refers to **Regenerative Energy Braking Systems**. Below are the typical electronic characteristics associated with the 45-R variant:
| Feature | Specification (Typical) |
| :--- | :--- |
| **Model Type** | Regenerative Braking Unit / Resistor Unit |
| **Power Rating** | 45 Watts (Continuous) |
| **Resistance Value** | Denoted by "R" (specific Ohmic value depends on sub-variant) |
| **Mounting Style** | Chassis or DIN Rail Mount |
| **Cooling** | Natural Convection or Aluminum Heat Sink casing |
---
### 2. Main Electronic Components
The internal architecture of a unit like the REBS-45-R consists of several critical parts:
* **Power Resistor Core:** Usually a wire-wound or ceramic element designed to handle high thermal loads without degrading.
* **Encapsulation:** Often housed in an anodized aluminum gold-colored shell (typical for "R" series resistors) to maximize heat dissipation.
* **Terminal Blocks:** High-temperature resistant screw terminals for secure connection to the Motor Drive (VFD) DC bus.
* **Thermal Fuse (Optional):** Some units include an internal thermal cutout to prevent fire hazards if the braking duty cycle is exceeded.
---
### 3. Functional Purpose
When a motor slows down, it acts as a generator. If this energy is not managed, it can cause an **Overvoltage (OV) Trip** in the motor controller. The REBS-45-R performs the following:
1. **Voltage Monitoring:** The unit (or the drive it's attached to) monitors the DC Bus voltage.
2. **Energy Shunting:** When voltage exceeds a threshold, the excess energy is diverted through the REBS-45-R.
3. **Thermal Conversion:** The kinetic energy is converted into heat via the resistor and released into the atmosphere.
---
### 4. Application Areas
* **Elevators/Hoists:** Managing energy during the descent phase.
* **CNC Machinery:** Rapid stopping of high-speed spindles.
* **Conveyor Systems:** Preventing "over-run" when the belt stops under load.
---
### 5. Installation Wiring (Simplified)
```mermaid
graph LR
A[AC Power] --> B[VFD / Inverter]
B --> C[Electric Motor]
B -- "DC Bus (+ / -)" --- D[REBS-45-R Resistor]
```
- ⤷
What is the specific Ohmic value required for the REBS-45-R in your application?
- ⤷ How does the duty cycle affect the heat dissipation of this part?
- ⤷ Can this unit be used with a 3-phase Variable Frequency Drive (VFD)?