công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • REBS-0E-R

  • AI
    The **REBS-0E-R** is a specific model within the series of **Regenerative Braking Units** (often associated with industrial automation and motor drive systems, such as those by manufacturers like Fuji Electric or specialized motion control brands). These units are designed to manage the energy generated when a motor decelerates. --- ## 1. Core Functionality When an AC motor slows down, it acts as a generator. If this energy is not managed, it can lead to an "Overvoltage" trip in the Variable Frequency Drive (VFD). The REBS-0E-R handles this energy by returning it to the AC power supply rather than dissipating it as heat. ### Technical Specifications Overview | Feature | Description | | :--- | :--- | | **Component Type** | Regenerative Converter / Braking Unit | | **Cooling Method** | Natural Air Cooled or Forced Air (depending on load) | | **Mounting** | Panel Mount / DIN Rail compatible | | **Efficiency** | High (Energy recovery vs. Resistor dissipation) | --- ## 2. Key Electronic Components The REBS-0E-R contains several critical electronic sub-systems: ### A. Power Semiconductor Stage (IGBTs) * **Function:** Uses Insulated Gate Bipolar Transistors (IGBTs) to switch the DC bus voltage back into AC synchronization with the main power line. * **Purpose:** Allows for precise control of the current flow back to the grid. ### B. DC Bus Connection * **Terminals:** Usually labeled **P(+)** and **N(-)**. * **Capacitors:** Internal electrolytic capacitors smooth the voltage ripples from the VFD's DC link. ### C. Control Logic Board * **Microprocessor:** Monitors the DC bus voltage levels. When the voltage exceeds a specific threshold (e.g., 670V for a 400V system), the logic triggers the regeneration process. * **Synchronization Circuit:** Detects the phase and frequency of the incoming AC line to ensure the returned energy is in phase with the power supply. ### D. Protection Circuits * **Fuses/Varistors:** Protect against overcurrent and surge voltages. * **Thermal Sensors:** Monitor the temperature of the heat sink to prevent component failure under heavy braking loads. --- ## 3. Wiring and Integration The unit is typically wired in parallel with the VFD: ```mermaid graph LR PowerLine(AC Power Supply) <--> REBS(REBS-0E-R Unit) REBS <--> VFD(Variable Frequency Drive) VFD <--> Motor(AC Motor) ``` 1. **AC Input:** Connected to the same power lines as the VFD. 2. **DC Link:** Connected directly to the VFD's internal DC bus. 3. **Signal I/O:** Fault output contacts and enable inputs for system integration. --- ## 4. Advantages over Braking Resistors * **Energy Savings:** Reduces electricity costs by recycling kinetic energy. * **Heat Reduction:** Unlike resistors (which get very hot), the REBS unit stays relatively cool, reducing the need for cabinet air conditioning. * **Space Efficiency:** Often smaller than a bank of high-wattage resistors for high-inertia loads.
    ✨ Follow-up Questions
    • ⤷ What are the specific voltage ratings for the REBS-0E-R model?
    • ⤷ How do I troubleshoot an overvoltage fault when using this unit?
    • ⤷ Can this unit be used with multiple VFDs simultaneously?