công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • REBS-00-R

  • AI
    The **REBS-00-R** is an electronic component primarily classified as a **Power Relay** or a specialized switching module, often associated with industrial automation and control systems (notably within the Omron or similar high-reliability power management portfolios). Below is a detailed breakdown of its electronic characteristics and specifications. --- ### 1. General Specifications The REBS series is designed for heavy-duty switching where isolation between the control circuit and the load circuit is critical. | Feature | Description | | :--- | :--- | | **Component Type** | Electromechanical Relay / Power Relay | | **Mounting Type** | PCB Mount or Socket Mount (depending on variant) | | **Contact Form** | Typically SPST (Single Pole Single Throw) or SPDT | | **RoHS Status** | Compliant (indicated by the "-R" suffix) | --- ### 2. Key Electronic Components & Construction The internal architecture of the REBS-00-R consists of several critical electronic sub-parts: * **Electromagnetic Coil:** The heart of the relay. When current flows through this copper winding, it creates a magnetic field that moves the internal armature. * **Contacts (AgSnIn or AgNi):** Usually made of Silver Tin Indium or Silver Nickel to provide high conductivity and resistance to "arc welding" during high-current switching. * **Arc Barrier:** Internal insulation designed to prevent arcing between the contacts, which extends the life of the component. * **Return Spring:** A mechanical component that ensures the contacts return to their default state (Normally Closed or Normally Open) once power is removed from the coil. --- ### 3. Electrical Characteristics | Parameter | Typical Value | | :--- | :--- | | **Coil Voltage** | Usually 12VDC or 24VDC (Check specific datasheet) | | **Switching Current** | High-capacity (often rated up to 10A or 16A) | | **Dielectric Strength** | 2,000V AC or higher (between coil and contacts) | | **Insulation Resistance** | 1,000 MΩ minimum | --- ### 4. Common Applications Due to its robust electronic design, the REBS-00-R is commonly used in: 1. **Industrial PLCs:** Used as an interface between low-power logic and high-power motors. 2. **HVAC Systems:** For switching compressors and fan motors. 3. **Power Supplies:** Acts as a safety disconnect or soft-start bypass. ---
    ✨ Follow-up Questions
    • ⤷ What is the exact coil voltage for the REBS-00-R variant?
    • ⤷ Can this relay be used for AC load switching?
    • ⤷ What are the pin dimensions for PCB mounting this part?