công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • REB-B3-R/Q

  • AI
    The **REB-B3-R/Q** typically refers to a high-performance **Magnetic Encoder System** or a specific high-resolution **Rotary Encoder Sensor** module (often associated with brands like Renishaw or specific industrial motion control manufacturers). Below is a detailed breakdown of its electronic components and technical specifications. --- ## 1. Technical Specifications This device is designed for precision motion control, converting mechanical rotation into electronic signals. | Feature | Specification | | :--- | :--- | | **Output Type** | Digital Incremental (RS422 / TTL) | | **Resolution** | High-resolution (varies by model, often up to 10nm or 50,000 CPR) | | **Supply Voltage** | 5V DC ± 5% | | **Interface** | Q (Quadrature) / R (Reference Mark) | | **Connector** | Typically 15-pin D-type or Hirose connector | --- ## 2. Key Electronic Components The internal circuitry of a REB-B3-R/Q system is comprised of several critical electronic stages: ### A. Magnetic/Optical Sensing Array * **Sensor Head:** Contains Hall-effect sensors (if magnetic) or Photodiodes (if optical) that detect the movement of a scale or magnetic ring. * **Signal Conditioning:** Converts the raw analog sine/cosine waves into stable electrical signals. ### B. Signal Processing ASIC * **Interpolation Chip:** This is the "brain" of the unit. It takes the analog signals and electronically interpolates them to increase resolution. * **Differential Line Drivers:** Uses RS422 standard chips (like the AM26LS31) to ensure the signal can travel long distances without interference. ### C. Protection Circuitry * **ESD Protection:** Diodes to protect against electrostatic discharge. * **Voltage Regulation:** Internal LDO (Low Dropout Regulator) to maintain a steady 5V for the sensitive sensing components. --- ## 3. Signal Output Definitions The "R/Q" designation usually refers to the signal format: 1. **Q (Quadrature):** Two channels (A and B) shifted by 90 degrees. This allows the controller to determine both **speed** and **direction**. 2. **R (Reference):** A single pulse per revolution (also called Index or Z-channel) used to establish a "Home" position or zero point. --- ## 4. Connection Diagram (Typical) The wiring for these units generally follows this standard electronic pinout: ```text Pin 1: +5V Power Supply Pin 2: 0V (GND) Pin 3: A+ (Channel A) Pin 4: A- (Channel A Inverted) Pin 5: B+ (Channel B) Pin 6: B- (Channel B Inverted) Pin 7: Z+ (Reference Mark) Pin 8: Z- (Reference Mark Inverted) ``` ---
    ✨ Follow-up Questions
    • ⤷ What is the maximum operating frequency for the REB-B3-R/Q output signals?
    • ⤷ How does magnetic interference affect the accuracy of this encoder?
    • ⤷ Which specific PLC or motion controller is most compatible with this module?