REB-41-R
AI

The **REB-41-R** is a specific electronic component, typically categorized as a **High-Voltage Reed Relay**. These components are widely used in applications requiring high isolation and fast switching of high-voltage signals.
### 1. Technical Specifications
Below are the typical electronic characteristics for the REB-41-R series:
| Parameter | Value (Typical) |
| :--- | :--- |
| **Contact Form** | Form A (Normally Open) |
| **Switching Voltage** | Up to 10,000 VDC (10kV) |
| **Switching Current** | 1.0 A to 3.0 A |
| **Carry Current** | 5.0 A |
| **Coil Voltage** | 12V or 24V DC (Model dependent) |
| **Insulation Resistance** | > $10^{12} \Omega$ |
| **Contact Resistance** | < 150 $m\Omega$ |
---
### 2. Key Electronic Components & Construction
The REB-41-R is composed of several critical sub-parts that work together:
* **Reed Switch:** The heart of the device, consisting of two ferromagnetic blades hermetically sealed in a glass tube. The contacts are often plated with Rhodium or Tungsten to handle high-voltage arcing.
* **Electromagnetic Coil:** Wrapped around the glass tube. When DC current flows through this coil, it creates a magnetic field that pulls the reed blades together to close the circuit.
* **Encapsulation/Housing:** Usually a rugged plastic or epoxy molding. This provides physical protection and ensures high dielectric strength between the low-voltage coil and the high-voltage switch.
* **Damping Material:** Internal silicone or epoxy used to reduce mechanical shock and vibration, which prevents "contact bounce."
### 3. Circuit Application
In an electronic schematic, the REB-41-R is used as a bridge between a low-power control circuit (like a microcontroller or PLC) and a high-power load.
```cpp
// Logic Diagram
[Control Signal] -> [Transistor/Driver] -> [REB-41-R Coil] -> [High Voltage Load]
```
---
### 4. Common Applications
* **Medical Electronics:** Used in defibrillators and X-ray equipment for safe high-voltage switching.
* **Test & Measurement:** Cable testers and insulation resistance testers (Megohmmeters).
* **Power Supplies:** Discharge circuits for high-voltage capacitor banks.
* **EV Battery Testing:** Managing high-voltage isolation checks in electric vehicle battery packs.
- ⤷What is the difference between the 12V and 24V coil versions of the REB-41-R?
- ⤷ How does the REB-41-R compare to a standard solid-state relay in high-voltage scenarios?
- ⤷ What are the mounting requirements for this relay to prevent arcing?