AI

The **REB-3D-R/Q** series refers to high-performance, compact **GNSS (Global Navigation Satellite System)** antenna modules, typically designed by RoyalTek. These modules are often integrated into automotive, handheld, and industrial tracking devices due to their "All-in-One" nature.
---
## 1. Core Electronic Architecture
The REB-3D-R/Q modules integrate the entire RF front-end and baseband processing into a single small-form-factor package.
### Key Components
| Component | Description |
| :--- | :--- |
| **MediaTek Chipset** | Usually based on the MTK high-sensitivity engine, providing low power consumption and fast TTFF (Time To First Fix). |
| **Patch Antenna** | An integrated ceramic patch antenna optimized for circular polarization to receive satellite signals. |
| **LNA (Low Noise Amplifier)** | A built-in 2nd stage LNA to improve signal-to-noise ratio, especially in "urban canyon" environments. |
| **SAW Filter** | High-rejection Surface Acoustic Wave filter used to block out-of-band interference (e.g., from LTE/WiFi). |
| **RTC & TCXO** | High-stability Temperature Compensated Crystal Oscillator for precise timing and Real-Time Clock for fast hot starts. |
---
## 2. Technical Specifications
Below is a lookup of the typical electronic characteristics for this series:
| Feature | Specification (Typical) |
| :--- | :--- |
| **Frequency** | GPS L1 (1575.42 MHz), QZSS, and often GLONASS/Beidou (model dependent) |
| **Channels** | 66 Search channels / 22 Tracking channels |
| **Sensitivity** | Tracking: -165 dBm / Acquisition: -148 dBm |
| **Operating Voltage** | 3.3V DC (Typical range 3.0V - 4.3V) |
| **Power Consumption** | ~25mA (Acquisition), ~20mA (Tracking) |
| **Interface** | UART (TTL level) |
| **Update Rate** | 1Hz (Default) up to 10Hz |
---
## 3. Pinout and Connectivity
The module usually utilizes a **SMT (Surface Mount Technology)** interface. The primary electronic pins include:
1. **VCC:** Power input (Requires stable DC input).
2. **GND:** Common ground.
3. **TX/RX:** Standard UART communication pins for NMEA 0183 data output and configuration commands.
4. **V_BACKUP:** (Optional) Input for a backup battery or supercapacitor to keep the RTC running and retain ephemeris data.
5. **1PPS:** One Pulse Per Second output for high-precision time-synchronization applications.
---
## 4. Hardware Implementation Notes
* **Antenna Placement:** Because it has an integrated patch antenna, the module must be mounted with the antenna facing the sky. Metallic shields or components should not be placed directly above the ceramic patch.
* **Decoupling:** It is critical to place a 10uF and 0.1uF capacitor near the VCC pin to filter out electronic noise from the host PCB.
* **EMI Shielding:** The "Q" and "R" variants often feature an integrated metal shield to protect the sensitive RF circuitry from electromagnetic interference.
- ⤷
What is the difference between the 'R' and 'Q' suffixes in this module series?
- ⤷ How do I configure the NMEA baud rate for the REB-3D module?
- ⤷ Does the REB-3D support active external antennas via an IPEX connector?