RB520S30L-CC2-R
AI

The **RB520S30L-CC2-R** is a high-performance Schottky Barrier Diode designed for low-voltage rectification and high-speed switching applications. It is frequently used in portable electronics due to its extremely small footprint and efficiency.
---
## 1. Core Technical Specifications
The following table summarizes the primary electrical characteristics of the component:
| Parameter | Symbol | Value | Unit |
| :--- | :---: | :---: | :---: |
| **Maximum Repetitive Peak Reverse Voltage** | $V_{RRM}$ | 30 | V |
| **Maximum Average Forward Rectified Current** | $I_O$ | 200 | mA |
| **Maximum Forward Voltage** (at $I_F = 200mA$) | $V_F$ | 0.60 | V |
| **Maximum Reverse Current** (at $V_R = 10V$) | $I_R$ | 1.0 | $\mu$A |
| **Operating Junction Temperature** | $T_j$ | 150 | °C |
| **Package Type** | DFN | 0603 (1006) | Metric |
---
## 2. Key Features and Benefits
* **Low Forward Voltage ($V_F$):** By utilizing a Schottky barrier, the diode minimizes power loss during conduction, which is critical for battery-powered devices.
* **High-Speed Switching:** The lack of minority carrier recovery time allows the diode to switch states almost instantaneously.
* **Ultra-Small Package:** The "0603" (DFN1006) package is roughly $1.0 \times 0.6$ mm, making it ideal for high-density PCB layouts like smartphones and wearables.
* **Lead-Free / RoHS Compliant:** Meets modern environmental safety standards for electronic manufacturing.
---
## 3. Typical Applications
The RB520S30L-CC2-R is generally integrated into circuits where space is limited and efficiency is paramount:
1. **Reverse Polarity Protection:** Prevents damage if a battery is inserted incorrectly.
2. **DC-DC Converters:** Acts as a freewheeling diode in small switching power supplies.
3. **Signal Clamping:** Protects sensitive IC inputs from voltage spikes.
4. **Mobile Communications:** Used in RF circuits and mobile handsets for signal detection.
---
## 4. Marking and Ordering Information
The suffix codes often denote specific packaging or reel requirements:
* **CC2:** Typically refers to a specific internal chip configuration or cathode orientation within the package.
* **-R:** Generally indicates that the parts are supplied on a Tape & Reel for automated SMT (Surface Mount Technology) assembly.
- ⤷
What are the main differences between this Schottky diode and a standard PN junction diode?
- ⤷ How does the DFN1006 package impact the thermal management of this diode?
- ⤷ Can this diode be used in high-frequency switching power supplies above 1MHz?