công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • RB34412220

  • AI
    The model **RB34412220** typically refers to a **Power Relay**, most commonly manufactured by **TE Connectivity (Potter & Brumfield)** or similar industrial suppliers. This specific part is an electromechanical component designed to switch high-current loads using a low-power signal. --- ### 1. Technical Specifications Below are the typical electronic characteristics for the RB34412220 series: | Parameter | Specification | | :--- | :--- | | **Contact Arrangement** | 1 Form A (SPST-NO) | | **Rated Current** | 12A to 16A (depending on ambient temp) | | **Coil Voltage** | 220V / 230V AC or DC (varies by suffix) | | **Contact Material** | Silver Nickel (AgNi) or Silver Tin Oxide (AgSnO) | | **Mounting Type** | PCB Mount or Plug-in | | **Inrush Current** | High resistance to welding (up to 80A peak) | --- ### 2. Key Electronic Components & Functions 1. **The Coil (Input Side):** * The "220" in the part number usually indicates a **220V/230V AC** coil rating. * When voltage is applied, it creates a magnetic field that pulls the internal armature. 2. **The Contacts (Output Side):** * Designed for high-load switching. * Used frequently in heating controls, power supplies, and industrial automation. 3. **Insulation:** * Provides high dielectric strength between the low-voltage control circuit and the high-voltage load circuit (typically 4kV to 5kV). --- ### 3. Application Use-Cases * **HVAC Systems:** Controlling fans, motors, or heating elements. * **Industrial Timers:** Acting as the physical switch controlled by a digital timer. * **Home Appliances:** High-power switching in ovens or washing machines. * **PLC Outputs:** Interfacing a logic controller with a 230V industrial motor. --- ### 4. Circuit Diagram Representation In a schematic, this part is represented by a coil symbol and a switch symbol: ```text Control Side (Coil) Load Side (Switch) ____ | / -----| |----- -----| |----- |____| | 220V Input 12A Load ```
    ✨ Follow-up Questions
    • ⤷ What is the pin layout for the RB34412220 PCB footprint?
    • ⤷ Can this relay be used with a DC control signal instead of AC?
    • ⤷ What are the equivalents for this relay from other manufacturers like Omron or Schneider?