công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • RB3441220R

  • AI
    Based on the part number **RB3441220R**, this component is a **Power Wirewound Resistor** typically manufactured by TE Connectivity (under the CGS brand). These resistors are designed for high-power applications where reliability and heat dissipation are critical. --- ### 1. Technical Specifications The part number follows a specific nomenclature that defines its electronic characteristics: | Characteristic | Specification | Description | | :--- | :--- | :--- | | **Series** | RB34 | High Power Wirewound (Silicone Coated) | | **Power Rating** | 6 Watts | Rated power at 25°C ambient temperature | | **Resistance Value** | 220 Ohms | Identified by "220R" | | **Tolerance** | ±5% (Standard) | Typical variance for the RB series | | **Temperature Coeff.** | ±50 ppm/°C | Stability over temperature changes | | **Max Voltage** | ~350V | Maximum operating voltage | --- ### 2. Key Features * **Wirewound Construction:** The resistive element is a wire wound around a ceramic core, providing excellent pulse-handling capabilities. * **Silicone Coating:** The body is coated in a flameproof silicone resin, which protects the wire from moisture and provides high dielectric strength. * **Thermal Stability:** Designed to operate at high temperatures (up to 275°C) without physical degradation. * **Size:** The "34" size designation typically refers to a body length of approximately 30-32mm. --- ### 3. Applications These parts are commonly found in industrial and power electronic circuits: 1. **Inrush Current Limiting:** Protecting sensitive components when power is first applied. 2. **Braking Resistors:** Small motor control systems. 3. **Voltage Dividers:** High-power DC networks. 4. **Load Banks:** Testing power supplies and batteries. --- ### 4. Part Number Breakdown ```text RB 34 1 220R | | | | Series Size | Resistance (220 Ohms) Tolerance (Optional/Internal Code) ```
    ✨ Follow-up Questions
    • ⤷What are the mounting options for the RB34 series?
    • ⤷ How does silicone coating compare to vitreous enamel for resistors?
    • ⤷ Can this resistor handle high-frequency AC signals?