RB-3114-R
AI

The **RB-3114-R** is a high-performance, precision DC gearmotor commonly used in robotics and automation. It is characterized by its high torque output and integrated encoder for closed-loop control.
---
### Technical Specifications
Below are the primary electronic and mechanical specifications for the RB-3114-R:
| Specification | Value |
| :--- | :--- |
| **Operating Voltage** | 12V DC (Nominal) |
| **Gear Ratio** | 50:1 |
| **No Load Speed** | 200 RPM |
| **Stall Torque** | 16 kg-cm (approx. 222 oz-in) |
| **Stall Current** | 5.0 A |
| **No Load Current** | 300 mA |
| **Encoder Type** | Hall Effect (Quadrature) |
---
### Key Components & Features
#### 1. DC Motor Section
The core is a brushed DC motor. It operates on a pulse-width modulation (PWM) signal if speed control is required. While rated for 12V, it can operate at lower voltages with a proportional loss in torque and RPM.
#### 2. Quadrature Encoder
The "R" suffix often denotes the inclusion of a rear-mounted magnetic disc and two Hall effect sensors.
* **Feedback:** Provides two channels (A and B) shifted by 90 degrees.
* **Resolution:** Typically provides 64 counts per revolution (CPR) of the motor shaft, which equates to **3200 counts per revolution** of the gearbox output shaft (due to the 50:1 ratio).
* **Function:** Allows the controller to track position, direction, and velocity.
#### 3. Metal Gearbox
The motor is mated to a 50:1 all-metal spur gearbox. This increases torque significantly while reducing the output speed, making it ideal for heavy-duty mobile robots.
---
### Wiring Interface
The unit typically features a 6-pin connector or lead wires with the following standard assignment:
| Pin/Wire Color | Function | Description |
| :--- | :--- | :--- |
| **Red** | Motor + | Positive terminal for motor power |
| **Black** | Motor - | Negative terminal for motor power |
| **Green** | Encoder GND | Ground for the Hall sensors |
| **Blue** | Encoder VCC | Logic power for sensors (usually 3.3V - 5V) |
| **Yellow** | Signal A | Quadrature output phase A |
| **White** | Signal B | Quadrature output phase B |
---
### Recommended Controllers
To handle the **5.0A stall current**, you should use a robust motor driver. Basic L298N drivers are usually insufficient. Recommended options include:
* **Cytron 10A Motor Driver**
* **RoboClaw 2x7A or 2x15A** (excellent for encoder integration)
* **Discrete MOSFET H-Bridges**
- ⤷
How do I calculate the exact position of the wheel using the 3200 CPR encoder feedback?
- ⤷ What is the maximum weight a robot using four RB-3114-R motors can reliably carry?
- ⤷ Can this motor be safely powered by a 3S LiPo battery (11.1V - 12.6V)?