AI

The **RAR-10-R-T** is a specific electronic component, typically categorized as a **Surface Mount (SMT) Tactile Switch**. These components are widely used in consumer electronics to provide a "clicky" physical interface for user input.
Below is a detailed breakdown of its electronic and mechanical characteristics.
---
## 1. Technical Specifications
This component is designed for low-power signal switching. The general specifications for the RAR series (often manufactured by companies like Multicomp or similar electronic hardware brands) are as follows:
| Feature | Specification (Typical) |
| :--- | :--- |
| **Type** | Tactile Switch |
| **Mounting Type** | Surface Mount Device (SMD/SMT) |
| **Actuation Direction** | Right Angle (Side Actuated) |
| **Contact Rating** | 50mA @ 12V DC |
| **Operating Force** | 160gf (Grams-force) |
| **Circuit** | SPST-NO (Single Pole Single Throw - Normally Open) |
| **Travel** | 0.25mm |
| **Life Cycle** | ~100,000 Cycles |
---
## 2. Key Features
### A. Right Angle Orientation
The "R" in the part number often signifies **Right Angle**. Unlike standard vertical switches, this component is mounted on the edge of a PCB, allowing the user to press it from the side. This is essential for devices like volume buttons on smartphones or power buttons on the sides of handheld gadgets.
### B. Tactile Feedback
It provides a "snap" or "click" sensation when pressed. This is achieved via an internal metal dome that collapses under a specific force (160gf) and springs back when released, completing and then breaking the electrical circuit.
### C. Termination Style (T)
The "T" typically indicates the packaging or termination style, often referring to **Tape and Reel** packaging, which is necessary for automated pick-and-place machines during high-speed PCB assembly.
---
## 3. Common Applications
* **Consumer Electronics:** Wearables, remote controls, and digital cameras.
* **Telecommunications:** Handsets and networking equipment reset buttons.
* **Industrial:** Interface panels where space is limited on the vertical axis.
* **Computing:** Peripheral devices like mice or keyboards (side buttons).
---
## 4. Typical Pin Configuration
Since it is a **SPST-NO** switch, it usually features four pins (two pairs internally connected). When the button is pressed, the connection between the pins is closed.
```text
[ Pin 1 ]-------[ Pin 2 ]
| |
(Button Mechanism)
| |
[ Pin 3 ]-------[ Pin 4 ]
```
*Note: In a normally open state, current does not flow until the actuator is depressed.*
- ⤷
What is the footprint size of the RAR-10-R-T for PCB design?
- ⤷ Can this switch handle AC current for power applications?
- ⤷ What are the recommended soldering temperature profiles for this SMD component?