công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • RADE

  • AI
    It appears you are referring to **RADAR** (Radio Detection and Ranging) systems. Electronic components in Radar are generally categorized by their role in the signal chain: transmission, reception, and processing. --- ### Core Electronic Components of a Radar System | Component | Category | Function | | :--- | :--- | :--- | | **Magnetron / TWT** | Transmitter | Generates high-power radio frequency (RF) pulses. | | **Duplexer** | Switching | A fast electronic switch that allows one antenna to both transmit and receive. | | **Antenna** | RF Interface | Focuses energy into a beam and captures returning echoes. | | **LNA (Low Noise Amp)** | Receiver | Amplifies the weak returning signal without adding significant noise. | | **Mixer** | Signal Processing | Converts high-frequency RF signals down to a lower Intermediate Frequency (IF). | | **DSP / FPGA** | Processing | Digital signal processors that calculate distance, speed (Doppler), and mapping. | --- ### Key Subsystems Detailed #### 1. The RF Front-End The front-end consists of the hardware that interacts directly with electromagnetic waves. * **Oscillators:** Provide the stable reference frequency (Carrier wave). * **Power Amplifiers (PA):** In modern solid-state radars, GaN (Gallium Nitride) transistors are often used to boost signals before transmission. #### 2. The Duplexer (The Traffic Cop) Since radar pulses are extremely powerful and echoes are extremely weak, the Duplexer protects the sensitive receiver. It disconnects the receiver while the transmitter is firing and reconnects it immediately after to listen for the echo. #### 3. Signal Processing (The Brain) Modern radar relies heavily on **ADCs (Analog-to-Digital Converters)**. Once the echo is digitized, algorithms perform: * **Pulse Compression:** To improve range resolution. * **Moving Target Indication (MTI):** Filtering out stationary objects (ground clutter) to see moving targets. * **Fast Fourier Transform (FFT):** To determine the velocity of a target via the Doppler shift. --- ### Modern Evolution: AESA In high-end systems (like fighter jets or modern weather stations), individual mechanical antennas are replaced by **AESA (Active Electronically Scanned Arrays)**. * These consist of hundreds of tiny **T/R (Transmit/Receive) Modules**. * Each module is an independent electronic radar unit. * By shifting the phase of each module electronically, the radar beam can be steered instantly without moving any physical parts.
    ✨ Follow-up Questions
    • ⤷How does a Doppler radar calculate velocity?
    • ⤷ What is the difference between Pulse Radar and Continuous Wave Radar?
    • ⤷ What materials are used in modern high-frequency radar transistors?