RA32E1-RUT-FR
AI

## Analysis of the RA32E1-RUT-FR
The **RA32E1-RUT-FR** is an electronic component part of the **RA32E1 series**, typically categorized as a precision thin-film chip resistor array. These components are designed for high-density surface mount applications where space-saving and high reliability are required.
---
### 1. General Specifications
Resistor arrays like the RA32E1 series combine multiple resistive elements into a single package. This reduces the number of placement operations during PCB assembly.
| Feature | Specification (Typical) |
| :--- | :--- |
| **Component Type** | Thin Film Resistor Array |
| **Number of Resistors** | 4 Resistors (Standard for "E1" suffix) |
| **Configuration** | Isolated (Individual resistors, not bussed) |
| **Package Size** | 1206 (Metric 3216) equivalent for the array |
| **Tolerance** | $\pm 0.1\%$ to $\pm 1\%$ (Depending on specific RUT variant) |
| **Temperature Coefficient** | $\pm 25$ ppm/°C to $\pm 100$ ppm/°C |
---
### 2. Breakdown of the Part Number
While specific manufacturer codes (such as those from Susumu or KOA Speer) vary slightly, the nomenclature generally follows this logic:
* **RA**: Resistor Array.
* **32**: Physical size code (3.2mm length).
* **E1**: Indicates the internal circuit pattern (usually 4 elements, 8 terminals).
* **RUT**: Specific series designation (often indicating "High Precision" or "Low Noise" thin film).
* **FR**: Tape and Reel packaging / RoHS Compliance (F) and Resistance Tolerance (R).
---
### 3. Key Electronic Characteristics
The RA32E1-RUT-FR utilizes **Thin Film technology**, which provides significant advantages over standard Thick Film resistors:
1. **Precision and Stability**: Excellent long-term stability and very low tolerance levels, making them ideal for voltage dividers.
2. **Low Noise**: Lower thermal noise (Johnson noise) compared to thick film, essential for audio and high-precision instrumentation.
3. **Matching**: Since the resistors are manufactured on the same substrate at the same time, they offer excellent **TC Tracking** (their resistance changes in unison as temperature changes), ensuring the ratio between resistors remains constant.
---
### 4. Typical Applications
* **Instrumentation**: Differential amplifier gain setting.
* **Communication**: Signal conditioning and termination.
* **Medical Electronics**: Precision sensing circuits.
* **Industrial Controls**: Voltage regulation and feedback loops.
---
- ⤷
What is the power rating per element for the RA32E1 series?
- ⤷ How does the TC Tracking of this array compare to using discrete resistors?
- ⤷ What are the specific dimensions of the 32E1 package?