AI

The **R8564** (often referred to as the **RX-8564**) is a high-precision, low-power Real-Time Clock (RTC) module with a built-in I2C-bus interface. It is manufactured primarily by Seiko Epson and Ricoh and is widely used in battery-operated devices for accurate timekeeping.
---
### 1. Key Internal Components
The R8564 integrates several electronic sub-systems into a single package:
| Component | Function |
| :--- | :--- |
| **Crystal Oscillator** | Built-in 32.768 kHz quartz crystal for precise frequency generation. |
| **I2C Interface** | Communication logic allowing a microcontroller to read/write time data. |
| **Registers** | Memory locations for Seconds, Minutes, Hours, Days, Weekdays, Months, and Years. |
| **Control Logic** | Handles alarm functions, timer functions, and clock output (CLKOUT). |
| **Voltage Detector** | Monitors low voltage levels to trigger a "low battery" flag. |
---
### 2. Technical Specifications
The electrical characteristics define how the part behaves in a circuit:
* **Operating Voltage:** 1.8V to 5.5V (Ideal for 3.3V systems).
* **Current Consumption:** Extremely low, typically around **275nA** at 3.0V.
* **Interface Speed:** 400kHz (Fast-mode I2C).
* **Output Frequency (CLKOUT):** Selectable 32.768kHz, 1024Hz, 32Hz, or 1Hz.
* **Package Types:** Available in SOP-8 or TSSOP-8 small-outline packages.
---
### 3. Pinout Configuration
Typically, the R8564 follows a standard 8-pin layout:
| Pin Number | Name | Description |
| :--- | :--- | :--- |
| 1 | **CLKOUT** | Clock output for external peripherals. |
| 2 | **SCL** | I2C Serial Clock input. |
| 3 | **SDA** | I2C Serial Data input/output. |
| 4 | **VSS** | Ground (0V). |
| 5 | **INT** | Interrupt output (Active Low) for alarms or timers. |
| 6 | **NC** | No Connection. |
| 7 | **NC** | No Connection. |
| 8 | **VDD** | Power supply voltage. |
---
### 4. Advanced Features
* **Century Bit:** A specific bit in the Month register tracks the change of century.
* **Alarm & Timer:** Supports programmable alarms (daily/weekly) and countdown timers to wake up an MCU from sleep mode.
* **Voltage Low Detection:** A specific bit (VL) indicates if the power supply has dropped below a threshold (approx. 0.9V - 1.3V), suggesting that time data may be invalid.
---
### 5. Typical Application Circuit
When designing with the R8564, pull-up resistors are required for the I2C lines, and a decoupling capacitor is recommended for stability.
```cpp
// Example: Basic pseudo-code to read the R8564 via I2C
void readTime() {
Wire.beginTransmission(0x51); // Standard I2C address for R8564
Wire.write(0x02); // Start reading from "Seconds" register
Wire.endTransmission();
Wire.requestFrom(0x51, 7); // Request 7 bytes (Time/Date data)
// Process BCD (Binary Coded Decimal) data...
}
```
- ⤷
What is the difference between the RX-8564 and the DS1307?
- ⤷ How do you calculate the pull-up resistor values for the I2C lines?
- ⤷ What is the procedure for handling BCD conversion in the R8564 registers?