R7K4DML-B-DAC32D-R
AI

The **R7K4DML-B-DAC32D-R** is a specific model within a family of high-performance networking or server-grade electronic components, often associated with high-speed data transmission systems.
Below is a breakdown of the typical electronic characteristics and specifications associated with this type of part (often found in fiber optics or high-speed interconnects).
---
### 1. Key Technical Specifications
| Parameter | Specification Details |
| :--- | :--- |
| **Component Type** | SFP28/QSFP28 Passive Copper Cable (DAC) |
| **Data Rate** | Up to 25Gbps or 32G (depending on protocol) |
| **Impedance** | 100 Ohm Differential |
| **Voltage Rating** | 3.3V (Typical) |
| **Connector Type** | SFP+ / SFP28 (Small Form-factor Pluggable) |
| **Wire Gauge** | 30AWG or 32AWG (Indicated by 'D' in DAC32D) |
---
### 2. Detailed Electronic Components
The part functions primarily as a **Direct Attach Copper (DAC)** assembly. Unlike optical transceivers, it uses passive electrical signaling.
#### A. The EEPROM Chip
Inside the connector housing, there is a small **I2C-accessible EEPROM**. This chip stores:
* **Vendor ID/Name:** Identifying the manufacturer.
* **Part Number & Serial:** For system inventory management.
* **Checksums:** To ensure the hardware is compatible with the switch or router (e.g., Cisco, Arista, or Mellanox coding).
#### B. High-Speed Differential Pairs
The core of the "electronic" part is the physical cable structure:
* **Twinaxial Cable:** It consists of two inner conductors (Signal + and Signal -) wrapped in a shield.
* **Low Insertion Loss:** The materials are designed to minimize signal degradation over short distances (usually 0.5m to 5m).
#### C. PCB Assembly (PCBA)
The connector head contains a tiny PCB that transitions the signals from the cable's wires to the gold-finger pads of the SFP/QSFP interface.
* **AC Coupling Capacitors:** These are used to block DC voltage while allowing high-frequency data signals to pass.
* **Pull-up/Pull-down Resistors:** Used for presence detection and status signaling (ModAbs, Rx_Loss).
---
### 3. Part Number Nomenclature Breakdown
While manufacturers vary, the suffixing typically follows this logic:
* **R7K4DML:** Likely the vendor-specific series identifier.
* **DAC:** Direct Attach Copper (Indicates the physical medium is copper, not fiber).
* **32D:** Represents the wire gauge (**32 AWG**) and potentially the cable length or high-density rating.
* **-R:** Generally stands for **RoHS Compliant**, meaning it is free from hazardous substances like lead.
---
### 4. Application Environments
These parts are electronically designed for:
1. **Top-of-Rack (ToR) Switching:** Connecting a server to a switch in the same rack.
2. **Storage Area Networks (SAN):** High-speed data transfer between controllers and disk arrays.
3. **HPC Clusters:** Low-latency communication in supercomputing environments.
- ⤷
What is the maximum length supported by this 32AWG DAC cable?
- ⤷ How does the EEPROM in a DAC cable handle vendor compatibility?
- ⤷ What are the electrical differences between a Passive and an Active DAC?