công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • R7HL-LC2-R/F2K

  • AI
    The **R7HL-LC2-R/F2K** is a specific remote I/O module manufactured by **M-System** (now MG CO., LTD). It belongs to the R7HL series, which is designed for compact, high-speed interfacing between field signals and a PLC or PC via a network protocol. --- ### 1. Technical Specifications Overview This specific model is a **Remote I/O module** focused on discrete (digital) inputs and outputs. | Feature | Specification | | :--- | :--- | | **Model Series** | R7HL (Compact Remote I/O) | | **Network Protocol** | CC-Link V1.10 / V2.00 | | **Input Channels** | 16-point NPN/PNP Discrete Inputs | | **Output Channels** | 16-point NPN Transistor Outputs | | **Power Input** | 24V DC | | **Connection Type** | e-CON Connector (for easy wiring) | --- ### 2. Breakdown of the Model Code To understand the electronic parts, we must decode the suffix: * **R7HL**: Series name (Ultra-slim, CC-Link interface). * **LC2**: CC-Link communication type with e-CON connectors. * **R**: Relay/Transistor output characteristics (NPN). * **F2K**: Specific configuration for I/O density and connector orientation. --- ### 3. Key Electronic Components & Functions #### A. Internal Communication Controller The heart of the device is a CC-Link dedicated chip. It manages the cyclic data exchange with the Master Station. It supports: * **Baud rates:** 156 kbps to 10 Mbps (set via rotary switches). * **Node Address:** Set via two rotary switches on the front panel (1 to 64). #### B. Input Circuitry (Discrete Inputs) The input section uses **Optocouplers (Optical Isolators)**. * **Purpose:** To protect the internal logic from high-voltage spikes or noise from the field sensors. * **Logic:** Supports both NPN (Sink) and PNP (Source) inputs depending on how the common terminal is wired. #### C. Output Circuitry (Transistor Outputs) The outputs utilize **NPN Transistor Switches**. * **Load Capacity:** Typically rated for 0.1A per point. * **Protection:** Includes internal surge suppressors to handle inductive loads (like small solenoid valves). #### D. Connectivity (e-CON Connectors) Unlike traditional screw terminals, this unit uses **e-CON (Easy Connection)** headers. * **Benefit:** Reduces wiring time and prevents loose connections in high-vibration environments. * **Part Type:** 4-pin or 3-pin sensor connectors common in Japanese industrial automation (FA). --- ### 4. Diagnostic Indicators (LEDs) The module features several SMD LEDs to report the electronic status: * **PWR:** Green LED indicating 24V DC power is present. * **RUN:** Indicates the CC-Link communication is active. * **ERR:** Red LED indicating a communication error or hardware fault. * **SD / RD:** Indicates Send Data and Receive Data activity. ---
    ✨ Follow-up Questions
    • ⤷ What is the maximum current rating for the NPN transistor outputs on this module?
    • ⤷ How do you configure the station address and baud rate for the R7HL series?
    • ⤷ What are the advantages of using e-CON connectors over standard screw terminals?