công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • R7FN-DA16-R/Q

  • AI
    The **R7FN-DA16-R/Q** is a specific model within the **OMRON DeviceNet Remote I/O** terminal series. It is designed to bridge the gap between a DeviceNet master controller (like a PLC) and field devices, providing 16 digital input points. --- ## Technical Specifications The following table highlights the core electronic characteristics of the unit: | Feature | Specification | | :--- | :--- | | **I/O Points** | 16 Digital Inputs | | **Input Type** | NPN/PNP (Multi-vendor support) | | **Communication Protocol** | DeviceNet | | **Power Supply Voltage** | 24 VDC (via DeviceNet cable) | | **I/O Connection** | Removable Screw Terminal Block | | **Mounting** | DIN Rail or Surface Mount | | **Weight** | Approx. 150g | --- ## Electronic Components & Architecture ### 1. DeviceNet Interface The unit contains a transceiver chip and an internal controller that manages the CAN-based **DeviceNet** protocol. This allows the 16 inputs to be mapped directly into the PLC's memory over a single network cable, reducing wiring complexity. ### 2. Digital Input Circuitry The inputs are typically **Current-Sinking (NPN)** or **Current-Sourcing (PNP)**. * **Optocouplers:** The inputs are internally isolated using optoisolators to protect the internal logic from high-voltage spikes or noise on the field side. * **Input Impedance:** Designed to match standard 24V sensors (Proximity, Limit Switches, etc.). ### 3. Indicator LEDs The front panel contains diagnostic LEDs used for troubleshooting: * **MS (Module Status):** Indicates if the hardware is operating correctly. * **NS (Network Status):** Indicates the state of the DeviceNet connection. * **I/O Indicators:** 16 yellow LEDs showing the ON/OFF state of each individual input. --- ## Wiring Logic The "R/Q" suffix generally refers to the specific terminal layout or connector type. For the R7FN series, wiring is typically handled as follows: ```yaml Terminal Layout: [V+] -> DeviceNet Power (+) [CAN_H] -> Data High [Shield] -> Grounding [CAN_L] -> Data Low [V-] -> DeviceNet Power (-) Input Terminals: [00] to [15] -> Signal Inputs [COM] -> Common reference point ``` --- ## Key Advantages * **Compact Form Factor:** Saves space in control cabinets. * **Removable Terminals:** Allows for unit replacement without rewiring each individual sensor. * **Baud Rate Auto-Detection:** Automatically synchronizes with the network speed (125k, 250k, or 500k bps).
    ✨ Follow-up Questions
    • ⤷ What is the difference between the R7FN-DA16 and the R7FN-DC16 models?
    • ⤷ How do I set the Node Address on this DeviceNet terminal?
    • ⤷ Can this module be used with a 12VDC power system?