R7F4DH-2DAC32B-R/
AI

The **R7F4DH-2DAC32B-R** is a specific part number belonging to the **Renesas RA4D1 Group** of microcontrollers. These are high-performance 32-bit MCUs based on the Arm® Cortex®-M4 core, specifically designed for applications requiring advanced human-machine interfaces (HMI) and segment LCD control.
---
### 1. Key Technical Specifications
| Feature | Specification |
| :--- | :--- |
| **Core** | Arm® Cortex®-M4 (with FPU) |
| **Max Frequency** | 80 MHz |
| **Flash Memory** | 256 KB |
| **SRAM** | 64 KB |
| **Package** | 100-pin LQFP (14 x 14 mm) |
| **Operating Voltage** | 1.8V to 5.5V |
| **Operating Temperature** | -40°C to +85°C (Ta) |
---
### 2. Functional Blocks and Peripherals
This MCU is highly integrated, focusing on low power consumption without sacrificing processing power.
#### A. Graphics and Display
* **Segment LCD Controller (SLCDC):** Supports up to 52 segments x 4 commons or 48 segments x 8 commons.
* **Capacitive Touch Sensing Unit (CTSU):** Second-generation touch sensing for buttons, sliders, and wheels with high noise immunity.
#### B. Analog Features
* **12-Bit ADC:** High-speed Analog-to-Digital converter for sensor interfacing.
* **8-Bit DAC:** Digital-to-Analog converter for signal generation.
* **Analog Comparator:** For low-power monitoring of external voltage levels.
#### C. Connectivity and Safety
* **Interfaces:** Includes UART, SPI, I2C, and USB 2.0 Full Speed.
* **Security:** Integrated AES hardware encryption and a True Random Number Generator (TRNG).
* **Safety:** Error Correction Code (ECC) on SRAM and Peripheral Driver Library support for functional safety.
---
### 3. Part Number Decoder
Breaking down **R7F4DH-2DAC32B-R**:
* **R7F:** Renesas Family (RA Family).
* **4DH:** RA4 Series, Group D (Segment LCD focus).
* **2D:** Specific feature set/pin count variant.
* **AC:** Temperature range and package type.
* **32B:** Memory density (256KB Flash).
* **-R:** Packaging type (usually denotes Tape & Reel).
---
### 4. Typical Applications
* **Smart Home:** Thermostats, security panels, and appliance displays.
* **Industrial:** Handheld measurement devices and power meters.
* **Healthcare:** Blood pressure monitors and portable glucose meters.
- ⤷What is the power consumption profile for the RA4D1 series in deep sleep mode?
- ⤷ Does this MCU support the Renesas Flexible Software Package (FSP)?
- ⤷ What are the specific pinout differences between the 64-pin and 100-pin versions?