R7D-MS4-R/UL
AI

The **R7D-MS4-R/UL** is a high-performance AC Servo Drive from Omron’s **SmartStep 2** series. It is designed to be an entry-level, easy-to-use alternative to stepping motors while providing the higher precision and torque control of a servo system.
---
### 1. Technical Specifications
Below are the primary electronic and mechanical specifications for this drive:
| Feature | Specification |
|:---|:---|
| **Series** | SmartStep 2 (R7D) |
| **Capacity (Wattage)** | 400 Watts |
| **Input Voltage** | 1-Phase 100 to 115 VAC |
| **Control Mode** | Pulse train (Step/Direction) |
| **Encoder Support** | 10,000 pulses/rev (Incremental) |
| **Safety Standard** | UL (Underwriters Laboratories) listed |
| **Regeneration** | Built-in (limited) / External optional |
---
### 2. Key Electronic Components & Connectivity
The drive functions as the "brain" between the PLC/Controller and the Servo Motor. Its architecture includes several critical interfaces:
#### A. Control Interface (CN1)
This is the 26-pin high-density connector used to interface with the motion controller or PLC. It handles:
* **Pulse/Direction Inputs:** Accepts high-speed pulses to determine motor position and speed.
* **Digital I/O:** Includes inputs for "Run/Stop" and outputs for "Alarm" or "Position Completed."
#### B. Encoder Interface (CN2)
This 6-pin connector links the drive to the motor's incremental encoder. It processes feedback signals to ensure the motor is in the exact position commanded, correcting for any "lost steps."
#### C. Power Terminals
* **L1, L2 (Main Power):** Power input (100-115V).
* **U, V, W:** Three-phase power output to the servo motor.
* **Ground (PE):** Critical for reducing electromagnetic interference (EMI).
---
### 3. Core Functional Features
* **Autotuning:** The internal electronic circuitry automatically calculates the optimal "Gain" settings, significantly reducing the setup time for mechanical loads.
* **Vibration Suppression:** Advanced filters (Notch filters) are built into the electronic logic to eliminate mechanical resonance during high-speed operations.
* **Adaptive Filter:** Real-time adjustment to changes in the load to maintain stability.
### 4. Application Context
The **R7D-MS4-R/UL** is typically used in conjunction with the **R7M-A** or **R7M-Z** series motors. It is ideal for:
1. Electronic component assembly.
2. Lab automation and medical devices.
3. Simple XY positioning tables.
---
- ⤷What are the compatible servo motor models for the R7D-MS4-R/UL drive?
- ⤷ How do I configure the electronic gear ratio for this specific drive?
- ⤷ What is the difference between the R-type and the standard UL models in this series?