công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • R5-RSA2W/Q

  • AI
    The **R5-RSA2W/Q** is a specific communication interface module (specifically an RS-232C adapter) used within the **R5 Series** Remote I/O systems, manufactured by M-System. These units are designed to bridge industrial field signals to a PC, PLC, or DCS via serial communication. --- ### 1. Core Technical Specifications The "Q" suffix typically denotes that the product is a "Quick Response" or specialized version depending on the regional catalog, but the core electronics remain consistent with the R5-RSA2 series. | Feature | Specification | | :--- | :--- | | **Communication Standard** | RS-232C | | **Baud Rate** | 300, 600, 1200, 2400, 4800, 9600, 19.2k, 38.4k bps | | **Data Length** | 7 or 8 bits | | **Stop Bit** | 1 or 2 bits | | **Isolation** | Communication to internal bus to power | | **Power Input** | Supplied via the R5-BS base (Internal Bus) | --- ### 2. Electronic Component Layout The device consists of several critical stages that ensure data integrity in noisy industrial environments: #### A. The RS-232 Transceiver * **Function:** Converts the low-voltage logic levels (TTL/CMOS) from the internal processor to the ± voltage levels required by the RS-232 standard. * **Protection:** Includes ESD protection to prevent damage from static discharge during cable connection. #### B. Isolation Barrier * **Optical or Galvanic Isolation:** The module features a high-degree isolation (usually 2000V AC) between the RS-232 port and the internal R5 bus. This prevents ground loops and protects the central PLC if a power surge occurs on the serial line. #### C. Microprocessor (MCU) * **Protocol Management:** Manages the conversion of the proprietary R5 internal bus protocol into standard serial data frames. * **Configuration:** Reads the settings from the physical DIP switches on the side of the module. --- ### 3. Physical Interface and Indicators The front panel provides visual diagnostic feedback through LED indicators: * **PWR (Green):** Indicates that internal 5V power is being supplied correctly from the base. * **RUN (Red):** Flashes or stays lit to indicate the status of the internal bus communication. * **SD/RD (Amber):** Flash during data transmission (Send Data) and reception (Receive Data). --- ### 4. Typical Connection Diagram The RS-232C connection usually follows a standard D-Sub 9-pin configuration (or screw terminals depending on the specific sub-model). ```text [ Field Device ] <--- RS-232 Cable ---> [ R5-RSA2W ] === [ R5 Base ] === [ I/O Modules ] (PC/PLC) (Adapter) ``` --- ### 5. Troubleshooting Common Issues 1. **Baud Rate Mismatch:** If the `RD` light flashes but the system returns errors, ensure the DIP switch settings on the side of the R5-RSA2W match the software settings of the host PC. 2. **Power Failure:** If the `PWR` LED is off, the issue is likely with the R5-PS power supply module or the seating of the unit on the base track. 3. **Cable Length:** Remember that RS-232 is limited to approximately 15 meters (50 feet). For longer distances, an RS-485 module (R5-RS4) should be used instead.
    ✨ Follow-up Questions
    • ⤷ What are the specific DIP switch settings for configuring the baud rate on this module?
    • ⤷ Can the R5-RSA2W be used to daisy-chain multiple R5 bases together?
    • ⤷ How does the 'W' designation in the part number affect the mounting or terminal type?