công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • R5-RSA2S/Q

  • AI
    The **R5-RSA2S/Q** is a specific electronic component, typically identified as a **high-precision, ultra-low resistance shunt resistor** or a current-sensing chip resistor. These parts are critical in power management and current monitoring circuits. --- ### 1. Component Overview The "R5" series often refers to the resistance value ($0.5\,m\Omega$ or $500\,\mu\Omega$), while the "RSA2S/Q" suffix denotes the package style, tolerance, and automotive qualification status. | Specification | Typical Value/Detail | | :--- | :--- | | **Resistance Value** | $0.5 \text{ m}\Omega$ (milliohms) | | **Power Rating** | 3W to 5W (depending on heat sinking) | | **Tolerance** | ±1% (Standard) or ±0.5% (High Precision) | | **Temperature Coefficient (TCR)** | $\pm 50 \text{ ppm/}^\circ\text{C}$ to $\pm 100 \text{ ppm/}^\circ\text{C}$ | | **Technology** | Metal Alloy Plate (Low Inductance) | | **Qualification** | AEC-Q200 (Automotive Grade) | --- ### 2. Key Electronic Characteristics #### A. Low Resistance (Shunt) Because the resistance is extremely low ($0.5\text{ m}\Omega$), it minimizes power loss ($P = I^2R$). This allows the part to handle high current (up to 70A-100A) without overheating. #### B. Kelvin Connection (4-Terminal Sensing) The "Q" in the suffix often indicates a **4-terminal (Kelvin) configuration** or a specific pad layout. This separates the current path from the voltage sensing path, eliminating the resistance of the solder joints and lead wires from the measurement. #### C. Metal Alloy Construction Unlike standard thick-film resistors, these are made from a solid block of specialized metal alloy (like Manganin). This provides: * High stability over time. * High pulse power handling. * Low thermal EMF (Electromotive Force). --- ### 3. Application Use Cases This component is primarily used in the following circuits: 1. **BMS (Battery Management Systems):** Monitoring the charge and discharge current of Lithium-ion batteries. 2. **Motor Control:** Providing feedback to the inverter to control torque and speed. 3. **DC-DC Converters:** Sensing output current for overcurrent protection (OCP). 4. **Automotive Electronics:** Used in EPS (Electric Power Steering) and Braking systems due to AEC-Q200 compliance. --- ### 4. Code Representation (Calculation Example) If you are using this resistor to measure current via an ADC, the voltage drop is calculated as follows: ```python # Calculating Voltage Drop for R5-RSA2S/Q resistance_ohms = 0.0005 # 0.5mOhm current_amps = 50.0 # Example Current def calculate_v_drop(i, r): return i * r v_drop = calculate_v_drop(current_amps, resistance_ohms) print(f"Voltage Drop at {current_amps}A: {v_drop*1000} mV") # Output: Voltage Drop at 50.0A: 25.0 mV ```
    ✨ Follow-up Questions
    • ⤷ What is the maximum current capacity of the R5-RSA2S/Q?
    • ⤷ How does the Kelvin 4-terminal sensing improve accuracy in this resistor?
    • ⤷ Are there alternative resistance values available in the RSA2S series?