R5-RSA1W/Q
AI

The **R5-RSA1W/Q** is a high-performance, industrial-grade absolute rotary encoder manufactured by **Nidec-Shimpo** (formerly Shimpo). This specific model is part of their R5 series, designed for precision motion control and feedback in automation systems.
---
## 1. Key Technical Specifications
The "RSA" designation typically refers to its output protocol and physical configuration. Below are the primary electronic and mechanical attributes:
| Feature | Specification |
| :--- | :--- |
| **Encoder Type** | Absolute Rotary Encoder |
| **Resolution** | 10-bit to 12-bit (Standard range for R5 series) |
| **Output Protocol** | Parallel or Synchronous Serial (SSI) |
| **Input Voltage** | 5V DC or 12-24V DC (Model dependent) |
| **Shaft Type** | Solid Shaft |
| **Protection Class** | IP50 or IP65 (Dust/Water resistant) |
| **Connection** | Cable-out or Connector type |
---
## 2. Electronic Component Breakdown
The internal circuitry of the R5-RSA1W/Q consists of three main functional blocks:
### A. Optical Sensing Assembly
* **LED Emitter:** An infrared light source that shines through a coded disk.
* **Coded Disk:** A glass or plastic disk with a "Gray Code" pattern. Unlike incremental encoders, this disk has unique patterns for every position, ensuring the position is not lost during power failure.
* **Photodetector Array:** Captures the light patterns and converts them into low-level electrical signals.
### B. Signal Processing Logic
* **Comparator/ASIC:** Converts the analog signals from the photodetectors into clean square-wave digital signals.
* **Position Logic:** Interprets the Gray Code to determine the exact angular position.
* **Error Compensation:** Internal circuits ensure that fluctuations in temperature or LED intensity do not cause reading errors.
### C. Output Driver Stage
* **Line Drivers:** The "W/Q" variants often utilize robust line drivers to transmit signals over long distances without interference.
* **Protection Circuitry:** Includes polarity protection and overvoltage suppression to prevent damage from incorrect wiring.
---
## 3. Wiring and Pin Configuration (General)
While you should always consult the specific datasheet for your serial number, the standard R5 wiring for parallel output usually follows this logic:
```yaml
Color/Pin | Function
----------|----------
Red | Power Supply (Vcc)
Black | Ground (0V)
Green | Bit 0 (LSB)
Yellow | Bit 1
... | ...
Blue | Bit N (MSB)
Shield | Frame Ground
```
---
## 4. Application Use Cases
Because it is an **Absolute** encoder, the R5-RSA1W/Q is used where position accuracy is critical even after a power cycle:
* **Robotic Arms:** To "remember" the position of the joint without homing.
* **CNC Machines:** For precise spindle or tool-changer positioning.
* **Packaging Machinery:** Synchronizing multiple conveyor belts.
---
- ⤷What is the difference between the 'W' and 'Q' suffixes in the R5 series?
- ⤷ Does this encoder support SSI or only Parallel output?
- ⤷ How do I troubleshoot a 'No Signal' error on this specific model?