R2-6-R/
AI

The part number **R2-6-R** typically refers to a **High-Current Power Ring Terminal** or a specific **Fast-Acting Fuse** (often associated with brands like Bussmann or generic industrial hardware manufacturers).
Below is a technical breakdown assuming the context of an electrical connector/component:
## 1. Technical Specifications
This component is designed for high-conductivity connections in power distribution systems.
| Specification | Typical Value |
| :--- | :--- |
| **Type** | Ring Terminal / Lug |
| **Wire Gauge (AWG)** | 6 AWG |
| **Stud Size** | #10 or M5/M6 (Depending on Series) |
| **Material** | Electrolytic Copper |
| **Plating** | Tin Plated (for corrosion resistance) |
| **Insulation** | Non-Insulated |
---
## 2. Key Features
* **High Conductivity:** Manufactured from high-grade copper to ensure minimal voltage drop.
* **Corrosion Resistance:** The "R" suffix often indicates RoHS compliance and a tin-plated finish to prevent oxidation.
* **Brazed Seam:** Many parts in this series feature a brazed seam in the crimp barrel, ensuring the barrel does not open under high stress or vibration.
* **Deep Internal Serrations:** Designed to provide maximum tensile strength and wire contact after crimping.
---
## 3. Application Use-Cases
Components like the R2-6-R are essential in environments where high current and reliability are required:
1. **Automotive Power:** Connecting heavy-gauge wire to battery terminals or alternators.
2. **Industrial Control Panels:** Grounding wires and power distribution blocks.
3. **Marine Electronics:** Used because the tin plating resists salt-water corrosion.
4. **Renewable Energy:** Connecting solar inverter cables to battery banks.
---
## 4. Installation Best Practices
To ensure the electronic integrity of the part:
* **Tooling:** Use a ratcheting crimp tool designed for 6 AWG non-insulated terminals.
* **Heat Shrink:** Since these are typically non-insulated, use **Adhesive Lined Heat Shrink** to seal the wire-to-terminal junction.
* **Torque:** Ensure the nut securing the ring terminal to the stud is torqued to the manufacturer's specification to avoid "hot spots."
---
- ⤷
What is the maximum current rating for a 6 AWG ring terminal?
- ⤷ Are there insulated versions of the R2-6-R available?
- ⤷ What is the difference between a brazed seam and a butted seam terminal?