R10S-R1X3AC
AI

## Understanding the R10S-R1X3AC
The **R10S-R1X3AC** is a specific part number belonging to the **Potter & Brumfield (TE Connectivity) R10 Series**. This is a versatile, multi-contact electromechanical relay known for its compact size and wide range of configurations.
---
### 1. Part Number Breakdown
To understand the electronic capabilities, we must decode the alphanumeric suffix:
| Segment | Code | Meaning |
| :--- | :--- | :--- |
| **Series** | **R10** | Low profile, multi-contact relay. |
| **Sensitivity** | **S** | Super-Sensitive (High-sensitivity DC coil). |
| **Mounting** | **R** | Terminals for plug-in or solder (usually fits a specific socket). |
| **Contact Arrangement** | **1** | 1 Form C contact (Single Pole Double Throw - SPDT). |
| **Coil Resistance** | **X3** | Indicates the specific coil resistance (typically 500 to 1,000 Ohms range). |
| **Contact Rating** | **AC** | Refers to the contact material/rating (Gold-flashed Silver). |
---
### 2. Key Electronic Specifications
The "S" designation indicates this relay is designed for low-power operation, making it ideal for transistor-driven circuits.
#### A. Coil Characteristics
* **Sensitivity:** Approximately 20mW to 100mW depending on the specific voltage.
* **Input Type:** DC (Direct Current).
* **Power Consumption:** Very low, allowing it to be triggered by weak signals.
#### B. Contact Data
* **Configuration:** SPDT (1 Form C).
* **Current Rating:** Typically up to 2 Amps or 5 Amps (depending on the specific AC/DC load).
* **Material:** Gold-flashed Silver, which prevents oxidation and is suitable for "dry circuit" (low signal) switching.
#### C. Mechanical/Physical
* **Package:** Clear polycarbonate dust cover.
* **Terminals:** Solder/Plug-in pins arranged in a grid pattern.
---
### 3. Common Applications
Due to its high sensitivity and reliable switching, the R10S-R1X3AC is frequently used in:
1. **Communications Equipment:** For signal routing where minimal power is available.
2. **Industrial Controls:** As an interface between logic-level sensors and higher-power actuators.
3. **Medical Electronics:** Where space and power efficiency are critical.
4. **Test & Measurement:** Switching between different measurement probes.
---
### 4. Technical Comparison
| Feature | R10S (Sensitive) | R10 (Standard) |
| :--- | :--- | :--- |
| **Coil Power** | ~40-100 mW | ~500-900 mW |
| **Switching Speed** | Generally slower (due to low power) | Faster |
| **Ideal Driver** | Small signal transistors/IC | Power transistors / Darlington pairs |
- ⤷
What is the specific coil voltage rating for the X3 variant?
- ⤷ Can the R10S-R1X3AC be mounted directly to a PCB?
- ⤷ What is the maximum switching voltage for the AC contact type?