R10S-R1X2DC
AI

The **R10S-R1X2DC** is a specific part number for a widely used electro-mechanical relay, typically manufactured by **TE Connectivity (formerly P&B / Potter & Brumfield)**. It is part of the R10 series, known for its versatility in low-signal and general-purpose switching applications.
---
## Technical Specifications Breakdown
The part number follows a specific nomenclature that defines its electronic characteristics:
| Parameter | Specification | Description |
| :--- | :--- | :--- |
| **Series** | R10 | Low profile, multi-contact cradle relay. |
| **Sensitivity** | S | Super-sensitive (usually 40mW to 100mW per pole). |
| **Mounting/Terminal** | R1 | Printed Circuit Board (PCB) terminals. |
| **Contact Arrangement** | X | 2 Form C contacts (DPDT - Double Pole Double Throw). |
| **Coil Voltage/Type** | 2DC | 2V DC Nominal Coil Voltage. |
---
### 1. Coil Characteristics
The "S" designation indicates a **high-sensitivity coil**. This means the relay requires very little power to actuate compared to standard industrial relays.
* **Coil Resistance:** Typically ranges from 50 to 500 Ohms depending on the specific manufacturing batch, but tuned for low-power operation.
* **Nominal Power:** Designed to operate on milliwatts, making it suitable for transistor-driven circuits.
### 2. Contact System (DPDT)
The "X" designation refers to the **2 Form C** configuration:
* **Dual Pole:** It can switch two independent circuits simultaneously.
* **Double Throw:** Each pole has a Common (COM), Normally Open (NO), and Normally Closed (NC) contact.
* **Material:** Often gold-plated silver-cadmium oxide or similar alloys to ensure low contact resistance even at low signal levels.
### 3. Physical Form Factor
* **Cradle Design:** The internal mechanism uses a "cradle" style armature, which allows for a high number of contacts in a relatively small footprint.
* **Enclosure:** Usually housed in a transparent or opaque dust cover to protect the delicate moving parts.
* **Terminals:** Solder pins designed for direct integration into a PCB.
---
## Common Applications
Due to its high sensitivity and DPDT configuration, the R10S-R1X2DC is commonly found in:
1. **Telecommunications:** Signal routing and line switching.
2. **Audio Equipment:** Switching audio paths without introducing significant noise.
3. **Test & Measurement:** Used in automated test equipment (ATE) where low power consumption is critical.
4. **Legacy Control Systems:** Replacing older logic circuits that operate on low DC voltages.
---
- ⤷
What is the maximum contact current rating for the R10 series relays?
- ⤷ How does a 'Super Sensitive' coil differ from a standard DC coil in terms of power consumption?
- ⤷ Are there surface-mount (SMD) versions of this relay available?