R10S-R1W1AC
AI

The **R10S-R1W1AC** is a specific part number typically associated with **Potter & Brumfield (TE Connectivity)** R10 series relays. These are versatile, multi-pole electromechanical relays often used in industrial control, communication, and medical equipment.
Below is a breakdown of the electronic specifications and characteristics based on the standard nomenclature for this series.
---
### 1. Key Technical Specifications
| Feature | Specification |
| :--- | :--- |
| **Relay Type** | General Purpose / Low Profile |
| **Coil Voltage** | AC Voltage (typically 120V or 240V depending on suffix) |
| **Contact Arrangement** | 1 Form W (SPDT-NO-DM) or similar |
| **Contact Current Rating** | 2 Amps to 7.5 Amps (depending on load) |
| **Mounting Type** | Socketable / Plug-in |
| **Termination** | Solder/Plug-in terminals |
---
### 2. Part Number Deciphering
To understand the electronic internals, we break down the alphanumeric code:
* **R10**: The series designation (Cradle-style relay).
* **S**: Indicates the sensitivity or coil adjustment (Sensitive).
* **R1**: Indicates the mounting and terminal style (Solder/Plug-in with 6-32 tapped hole).
* **W1**: Represents the contact rating and material (typically Silver-Cadmium Oxide or similar, designed for power switching).
* **AC**: Specifies that the coil is designed to operate on **Alternating Current**.
---
### 3. Internal Components & Operation
#### A. The Coil (Electromagnet)
The "AC" designation indicates the coil includes a **shading ring** (a small copper loop on the core). This prevents "chatter" or humming by creating a secondary magnetic field that stays active even when the AC sine wave crosses zero volts.
#### B. Contact System
The **W1** contacts are engineered for medium-duty power.
* **Switching Life:** Typically 100,000 operations at full rated load.
* **Material:** Often Silver-Cadmium Oxide, which provides a good balance between conductivity and resistance to "welding" under high-inrush currents.
#### C. Mechanical Structure
* **Dust Cover:** Usually encased in a clear polycarbonate (plastic) shell to protect the delicate leaf springs from environmental contaminants.
* **Return Spring:** A high-tension spring ensures the contacts return to the "Normally Closed" state quickly once the coil is de-energized.
---
### 4. Typical Applications
Due to its reliability and compact size for a multi-pole relay, it is found in:
1. **Industrial Timers:** Used as the switching element.
2. **Logic Control:** Interfacing between low-power sensors and high-power motors.
3. **Test Equipment:** Signal routing where low contact resistance is required.
---
- ⤷
What is the exact coil voltage rating for the AC version of this relay?
- ⤷ Are there specific sockets recommended for the R10S series?
- ⤷ What are the differences between the W1 and Y2 contact types in the R10 series?