công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • R10-R1W3AC

  • AI
    The code **R10-R1W3AC** typically refers to a specific configuration of an **industrial-grade relay**, often associated with brands like P&B (Potter & Brumfield / TE Connectivity). Below is a detailed breakdown of the electronic components and specifications represented by this alphanumeric string. --- ## 1. Component Breakdown (Nomenclature) Industrial relays use a coding system to define their physical and electrical characteristics. Here is the part-by-part analysis: | Code Segment | Meaning | Description | | :--- | :--- | :--- | | **R10** | **Series Series** | Defines the physical size (cradle type) and basic design. | | **R1** | **Contact Arrangement** | Indicates the number of poles (e.g., 1 Pole/SPDT). | | **W** | **Contact Rating** | Specifies the material and current capacity (often Silver-Cadmium Oxide). | | **3** | **Mounting/Terminal** | Indicates the type of pins (e.g., Solder/Plug-in or Printed Circuit). | | **AC** | **Coil Voltage/Type** | Specifies an Alternating Current coil (e.g., 120VAC or 24VAC). | --- ## 2. Key Technical Specifications Relays of this series are generally used for low-to-medium power switching in control panels or logic circuits. ### Electrical Characteristics * **Contact Material:** Usually Silver (Ag) or Silver-Cadmium Oxide (AgCdO), designed to handle arcing during high-load switching. * **Switching Current:** Typically ranges from **2A to 7.5A** depending on the specific "W" rating sub-type. * **Coil Sensitivity:** R10 series relays are known for high sensitivity, requiring low power to energize the coil compared to heavy-duty contactors. ### Physical Construction * **Dust Cover:** Usually enclosed in a clear polycarbonate (plastic) case to prevent dust ingress while allowing visual inspection of the contacts. * **Terminals:** Gold-flashed or tin-plated terminals for reliable soldering or socket insertion. * **Armature:** A balanced armature design that allows the relay to operate in various orientations without false tripping. --- ## 3. Typical Applications Electronic parts like the R10-R1W3AC are found in: 1. **Industrial Controls:** Signal switching in PLC (Programmable Logic Controller) outputs. 2. **Audio Equipment:** Power sequencing or speaker protection circuits. 3. **Medical Devices:** Isolation between low-voltage control circuits and high-voltage actuators. 4. **Test Equipment:** Multi-channel signal routing. --- ## 4. Maintenance and Identification When replacing this part, it is vital to verify the **Coil Voltage** printed on the side of the relay (e.g., 24VAC vs. 120VAC), as using the wrong voltage will either fail to trigger the relay or burn out the coil.
    ✨ Follow-up Questions
    • ⤷ What is the exact coil voltage rating for the AC version of this relay?
    • ⤷ Can this relay be mounted directly onto a PCB or does it require a socket?
    • ⤷ What are the common failure modes for R10 series industrial relays?