công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • R03LD10-TF4-R

  • AI
    ## Detailed Technical Analysis: R03LD10-TF4-R The **R03LD10-TF4-R** is a specific electronic component, typically categorized as a **Low Dropout (LDO) Linear Regulator**. It is designed to provide a stable, regulated output voltage while maintaining a very low difference between the input and output voltages. --- ### 1. General Specifications Based on the part numbering convention (commonly used by manufacturers like UTC - Unisonic Technologies), here are the typical specifications: | Parameter | Specification (Typical) | | :--- | :--- | | **Component Type** | CMOS Low Dropout Regulator (LDO) | | **Output Current** | 300 mA | | **Output Voltage** | 1.0V (Fixed) | | **Package Type** | SOT-23-5 / SOT-25 | | **Status** | Lead-Free / RoHS Compliant | | **Dropout Voltage** | Extremely low (typically < 200mV at full load) | --- ### 2. Part Number Breakdown Understanding the nomenclature helps in identifying the exact variant: * **R03**: Series prefix (often denotes the specific LDO architecture). * **LD**: Low Dropout functionality. * **10**: Represents the output voltage (1.0V). * **TF4**: Package code (typically corresponds to the SOT-23-5 footprint). * **R**: Tape & Reel packaging. --- ### 3. Pin Configuration (SOT-23-5) This component usually features a 5-pin layout. While you should always consult the official datasheet, the standard layout is as follows: | Pin Number | Name | Description | | :--- | :--- | :--- | | 1 | **VIN** | Input Voltage Supply | | 2 | **GND** | Ground | | 3 | **CE / EN** | Chip Enable (Active High) | | 4 | **NC / BYP** | No connection or Bypass Capacitor | | 5 | **VOUT** | Regulated Output Voltage | --- ### 4. Key Features & Applications #### Features: * **High Accuracy:** Usually ±2% output voltage accuracy. * **Low Quiescent Current:** Minimizes power consumption during standby, making it ideal for battery-operated devices. * **Built-in Protection:** Includes thermal shutdown and current limit protection. * **Stability:** Designed to be stable with low-ESR ceramic capacitors. #### Applications: * **Mobile Devices:** Smartphones, tablets, and wearables. * **Battery Management:** Providing steady 1.0V rails for microprocessors or FPGAs. * **Portable Electronics:** Digital cameras and handheld gaming consoles. --- ### 5. Implementation Example To use this part, a basic circuit requires input and output capacitors to ensure stability and noise reduction. ```c // Basic Circuit Logic Input Voltage (e.g., 3.3V) -> 1uF Cap -> [VIN] Ground -> [GND] Enable Signal (High) -> [CE] [VOUT] -> 1uF Cap -> Output Load (1.0V) ```
    ✨ Follow-up Questions
    • ⤷ What is the maximum input voltage rating for the R03LD10 series?
    • ⤷ Can this LDO be used without an output capacitor?
    • ⤷ What are the equivalent alternative parts for the R03LD10-TF4-R?