R-78T12-1.0SLASHAL-R
AI

The **R-78T12-1.0/AL-R** is a high-efficiency switching regulator (DC/DC converter) manufactured by **RECOM Power**. It is designed as a modern, high-performance replacement for traditional linear regulators like the LM7812.
---
### ## Technical Specifications
| Parameter | Specification |
| :--- | :--- |
| **Input Voltage Range** | 15V to 42V DC |
| **Output Voltage** | 12V DC |
| **Output Current** | 1.0 Amp (1000mA) |
| **Efficiency** | Up to 95% |
| **Mounting Type** | Surface Mount (SMD) |
| **Package Type** | AC-Type (LGA/SMD style) |
| **Operating Temperature** | -40°C to +85°C |
---
### ### Key Features and Breakdown
#### 1. Part Number Decoding
* **R-78:** The series name (Switching Regulators).
* **T:** Represents the "Tiny" or SMD package format.
* **12:** Indicates the fixed **12V** output voltage.
* **1.0:** Indicates the maximum output current of **1.0 Amp**.
* **AL:** Refers to the specific pinning/mounting configuration (often LGA).
* **R:** Indicates **Tape & Reel** packaging for automated assembly.
#### 2. Efficiency vs. Linear Regulators
Unlike a standard 7812 linear regulator, which dissipates excess voltage as heat, this switching regulator uses pulse-width modulation (PWM).
* **Thermal Management:** Because it is ~95% efficient, it requires **no heat sink**, even when converting 42V down to 12V at full load.
* **Energy Savings:** Ideal for battery-powered applications where power conservation is critical.
#### 3. Protections
The module is integrated with several safety features to protect the rest of the circuit:
* **Short Circuit Protection:** Continuous, with automatic recovery.
* **Over-Temperature Shutdown:** Prevents damage if the ambient temperature exceeds limits.
* **Low Standby Current:** Consumes very little power when idle.
---
### ### Common Applications
* **Industrial Automation:** Powering 12V sensors from a 24V or 36V bus.
* **Battery Systems:** Regulating fluctuating battery voltages (e.g., Lead-acid or Li-ion packs).
* **IoT Devices:** Providing stable power in a compact footprint without thermal issues.
* **Point-of-Load (PoL) Regulation:** Stepping down higher rail voltages directly at the chip location.
---
- ⤷What is the difference between the 'AL' and 'AC' suffixes in the R-78 series?
- ⤷ Can this regulator be used with an AC input or only DC?
- ⤷ How does the footprint of the R-78T compare to a standard TO-220 package?