QO2125VH2100
AI

The **QO2125VH2100** is a specialized, high-capacity sub-assembly or "sub-feed" circuit breaker system manufactured by **Schneider Electric (Square D)**. It is part of the QO (Quick-Open) product line, renowned for its reliability and "Visi-Trip" indicator.
### Core Specifications
Below is a breakdown of the primary electrical characteristics of this specific unit:
| Feature | Specification |
| :--- | :--- |
| **Manufacturer** | Square D (Schneider Electric) |
| **Product Type** | Miniature Circuit Breaker (MCB) |
| **Amperage (Main)** | 125 Amp |
| **Amperage (Sub-feed)** | 100 Amp |
| **Voltage Rating** | 120/240V AC |
| **Interrupt Rating** | 22 kA (High Interrupting Capacity) |
| **Number of Poles** | 2-Pole |
| **Mounting Type** | Plug-On |
---
### Component Breakdown & Electronic Functions
#### 1. Thermal-Magnetic Trip Mechanism
This part uses two distinct methods for circuit protection:
* **Thermal Protection:** Uses a bimetallic strip that bends when heated by a consistent overload (e.g., running too many appliances). This handles long-term overcurrent.
* **Magnetic Protection:** Uses an internal electromagnetic coil that reacts instantly to short circuits. When a massive surge is detected, the magnetic field pulls the trip bar immediately.
#### 2. The "VH" Designation (High Interrupting Capacity)
The "VH" in the part number indicates a **High Interrupt Rating**.
* Standard QO breakers usually handle up to 10 kA.
* The **VH** version is rated for **22 kA**. This means the internal components (arc chutes and contacts) are reinforced to safely extinguish a much larger electrical arc without exploding or welding the contacts together.
#### 3. Sub-Feed Functionality
The unique aspect of the QO2125VH2100 is that it often functions as a **Sub-feed Lug** or a breaker-base combination. It is designed to be installed in a load center to feed power to another downstream panel (sub-panel). It effectively acts as a 125A frame containing 100A protection.
#### 4. Visi-Trip Indicator
One of the mechanical/electronic feedback features is the red "Visi-Trip" flag. When the internal mechanism trips due to a fault, a high-visibility red indicator appears in the window, allowing for instant troubleshooting.
---
### Wiring and Connection Technicals
The device uses pressure plate terminals designed for high-gauge copper or aluminum wire.
```markdown
Wire Size Compatibility:
- AWG 4 to AWG 2/0 (Aluminium/Copper)
- Torque Requirement: ~50 lb-in (Note: Always check the label on the specific unit)
```
---
- ⤷What is the difference between a standard QO breaker and the VH high-interrupt series?
- ⤷ Can this breaker be used in a standard residential QO load center?
- ⤷ What is the specific application for a 125A frame with a 100A trip rating?