QBLP679-RK
AI

The **QBLP679-RK** is a specific surface-mount device (SMD) LED manufactured by **QT-Brightek**. It belongs to the 3228 (1210 metric) package series and is primarily used for status indication and backlighting.
---
### 1. Technical Specifications
The following table summarizes the key electrical and optical characteristics of the QBLP679-RK:
| Parameter | Specification |
| :--- | :--- |
| **Emitted Color** | Red |
| **Package Size** | 3.2 x 2.8 x 1.9 mm (PLCC-2) |
| **Dominant Wavelength** | 620 nm - 630 nm |
| **Luminous Intensity (Iv)** | 160 mcd (Typical) @ 20mA |
| **Forward Voltage (Vf)** | 2.0V (Typical) / 2.5V (Max) |
| **Forward Current (If)** | 20 mA (Standard operating current) |
| **Viewing Angle** | 120 Degrees |
| **Lens Type** | Water Clear |
---
### 2. Key Internal Components
To understand the "electronic parts" of this LED, we look at its construction:
* **LED Die (Chip):** The core semiconductor material, typically made of **AlGaInP** (Aluminum Gallium Indium Phosphide) for red high-brightness emission.
* **Lead Frame:** The metal structure (usually silver-plated copper) that provides mechanical support and electrical connections (Anode and Cathode).
* **Encapsulant:** A clear epoxy or silicone resin that protects the die and helps shape the light output.
* **Gold Wire Bond:** A very thin wire that connects the top of the LED chip to the lead frame terminal.
---
### 3. Footprint and Pinout
The QBLP679-RK uses a **PLCC-2 package**. It is polarized, meaning it must be installed in the correct orientation to function.
* **Cathode (-):** Usually identified by a notch or a "cut corner" on the package body.
* **Anode (+):** The opposite terminal.
---
### 4. Circuit Implementation
When integrating this part into a circuit, a current-limiting resistor is required. You can calculate the resistor value using Ohm's Law:
```text
R = (V_source - V_forward) / I_forward
```
**Example calculation for a 5V supply:**
`R = (5V - 2.0V) / 0.02A = 150 Ohms`
---
- ⤷
What are the storage requirements for the QBLP679-RK to prevent moisture damage?
- ⤷ Does this LED support PWM dimming?
- ⤷ What is the recommended solder reflow profile for this PLCC-2 package?