công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • Q7JAN-R

  • AI
    The **Q7JAN-R** refers to a specific type of military-grade, high-reliability electronic component, typically associated with the **JAN (Joint Army-Navy)** classification system. In the world of semiconductors and electronics, "JAN" parts are strictly controlled items designed for defense and aerospace applications. ### 1. Understanding the Part Code: Q7JAN-R While "Q7" often serves as a manufacturer prefix or a specific series designation in various catalogs, the suffix components are the most critical for technical specifications: | Component | Meaning | Description | | :--- | :--- | :--- | | **Q7** | Series/Manufacturer | Often refers to specific logic gates or power transistors depending on the OEM. | | **JAN** | Joint Army-Navy | Indicates the part has been manufactured and tested according to MIL-PRF (Military Performance) standards. | | **-R** | Radiation Hardened | Usually signifies the part is resistant to ionizing radiation, common in space or nuclear environments. | --- ### 2. Key Technical Characteristics Parts labeled under the JAN system, particularly those with an "-R" designation, possess unique electronic characteristics compared to standard commercial (COTS) parts: * **Reliability Levels:** JAN parts undergo rigorous screening. The hierarchy usually includes JAN, JANTX (Extra Testing), JANTXV (Visual Inspection), and JANS (Space Level). * **Temperature Ranges:** These parts are almost always rated for the full military temperature range: **-55°C to +125°C**. * **Hermetic Sealing:** They are typically housed in ceramic or metal packages (e.g., TO-3, TO-220, or CDIP) rather than plastic to prevent moisture ingress. * **Traceability:** Every part is batch-tracked to ensure the purity of the silicon and the integrity of the assembly process. --- ### 3. Application Use-Cases The **Q7JAN-R** and similar components are not found in consumer electronics (like smartphones or PCs). Instead, they are integrated into: 1. **Avionics:** Flight control systems for military aircraft. 2. **Spacecraft:** Satellite power systems where radiation resistance (TID - Total Ionizing Dose) is mandatory. 3. **Weapon Systems:** Missile guidance and radar processing units. 4. **Marine:** Deep-sea naval communication equipment. --- ### 4. Comparison: Commercial vs. JAN-R | Feature | Commercial Grade | Q7JAN-R (Mil-Spec) | | :--- | :--- | :--- | | **Failure Rate** | Varies by manufacturer | Extremely low (certified) | | **Rad-Hard** | No | Yes (up to specific krad levels) | | **Cost** | Low (Cents to Dollars) | High (Hundreds to Thousands of Dollars) | | **Lifecycle** | Short (2-5 years) | Long (15-20+ years) |
    ✨ Follow-up Questions
    • ⤷ What are the specific radiation testing levels for JAN-R components?
    • ⤷ How do I verify the authenticity of a JAN-certified electronic part?
    • ⤷ What is the difference between JANTX and JANS reliability levels?