công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • Q-R

  • AI
    Electronic components starting with the letters **Q** and **R** are fundamental building blocks in circuitry. In electrical engineering schematics, "Q" is the standard designator for transistors, while "R" is the designator for resistors. --- ## 1. The "Q" Designator: Transistors In a circuit diagram, the letter **Q** represents transistors. These are semiconductor devices used to amplify or switch electronic signals and electrical power. | Type | Description | Common Uses | | :--- | :--- | :--- | | **BJT** (Bipolar Junction Transistor) | Uses both electron and hole charge carriers. Types include NPN and PNP. | Current amplification and low-speed switching. | | **MOSFET** | Metal-Oxide-Semiconductor Field-Effect Transistor. | High-speed switching, power supplies, and digital logic. | | **IGBT** | Insulated-Gate Bipolar Transistor. | High-efficiency power switching in electric cars and trains. | | **Phototransistor** | A transistor that responds to light instead of base current. | Optical sensors and remote controls. | ### Key Functions of "Q" Components: * **Switching:** Acting as a gate that turns a current on or off based on a small input signal. * **Amplification:** Taking a small input signal and turning it into a much larger output signal. --- ## 2. The "R" Designator: Resistors The letter **R** stands for resistors. These are passive components that implement electrical resistance as a circuit element. They "resist" the flow of electrons. ### Types of Resistors 1. **Fixed Resistors:** Have a set resistance value (measured in Ohms $\Omega$). 2. **Variable Resistors (Potentiometers):** Allow the user to manually adjust resistance (e.g., a volume knob). 3. **Thermistors:** Resistance changes based on temperature. 4. **LDR (Light Dependent Resistor):** Resistance changes based on light intensity. ### Resistor Applications * **Current Limiting:** Preventing LEDs or other sensitive parts from burning out. * **Voltage Division:** Reducing a high voltage to a lower, specific level for sensors. * **Pull-up/Pull-down:** Ensuring digital pins stay at a known "High" or "Low" state. --- ## Summary Comparison | Feature | Q (Transistor) | R (Resistor) | | :--- | :--- | :--- | | **Category** | Active Component | Passive Component | | **Primary Unit** | Hfe (Gain) / Vgs (Threshold) | Ohms ($\Omega$) | | **Schematic Symbol** | Three terminals (Base, Collector, Emitter) | Zig-zag line or rectangle | | **Main Goal** | Control or Magnify | Limit or Divide |
    ✨ Follow-up Questions
    • ⤷What are the common failure modes for Q-designated transistors?
    • ⤷ How do you read the color bands on an R-designated resistor?
    • ⤷ Can a MOSFET (Q) be used as a variable resistor?