PXPPVC12RAM05BCL020PVC
AI

The part number **PXPPVC12RAM05BCL020PVC** refers to a high-quality industrial connectivity component, specifically an M12 circular connector cable assembly manufactured by **Bulgin**.
Below is a detailed breakdown of the electronic and mechanical specifications for this part.
---
### 1. Part Number Deciphering
| Segment | Meaning | Description |
| :--- | :--- | :--- |
| **PXP** | Series | Bulgin Buccaneer M12 Series |
| **PVC** | Cable Material | Polyvinyl Chloride (PVC) Jacket |
| **12** | Connector Size | M12 Standard Industrial Size |
| **RA** | Orientation | Right Angle Connector |
| **M** | Gender | Male Plug |
| **05** | Pin Count | 5 Poles / 5 Pins |
| **BCL** | Locking Nut | Brass, Nickel Plated |
| **020** | Length | 2.0 Meters |
| **PVC** | Jacket Type | PVC Outer Sheath |
---
### 2. Technical Specifications
#### Electrical Properties
* **Current Rating:** 4A per contact.
* **Voltage Rating:** 60V AC/DC.
* **Contact Resistance:** < 10 mΩ.
* **Insulation Resistance:** > 100 MΩ.
#### Mechanical & Environmental
* **Ingress Protection (IP):** Rated **IP67** (dust-tight and protected against temporary immersion in water) when mated.
* **Mating Cycles:** > 100 cycles.
* **Operating Temperature:** -25°C to +80°C.
* **Coupling Nut:** Nickel-plated brass for high durability and corrosion resistance.
#### Cable Construction
* **Jacket Material:** PVC (General purpose, resistant to moisture).
* **Conductor Size:** 22 AWG (typically).
* **Color:** Usually Black.
---
### 3. Application Areas
This cable is designed for automation and control systems where space-saving is required (hence the Right Angle orientation). Common uses include:
* **Industrial Sensors:** Connecting proximity or photoelectric sensors.
* **Actuators:** Powering small valves and motors.
* **Factory Automation:** Connecting I/O blocks to PLC systems.
* **Washdown Environments:** Suitable for food and beverage or pharmaceutical processing due to its IP67 rating.
---
- ⤷
What is the wiring color code for the 5 pins in this M12 cable?
- ⤷ How does a PVC jacket compare to a PUR jacket for industrial use?
- ⤷ Is there a shielded version of this Bulgin M12 cable?