công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • PXPPVC12RAM05ACL010PVC

  • AI
    The part number **PXPPVC12RAM05ACL010PVC** refers to a high-quality industrial sensor/actuator cable assembly, typically manufactured by **Bulgin** (as part of their Buccaneer series) or similar industrial connectivity providers. Below is a breakdown of the electronic and mechanical specifications for this component. --- ## 1. Part Number Decoder Industrial circular connectors follow a specific nomenclature. Here is the likely breakdown for this specific code: | Segment | Meaning | Specification | | :--- | :--- | :--- | | **PXP** | Series Prefix | Buccaneer M12 Series | | **PVC** | Cable Material | Polyvinyl Chloride (Standard Insulation) | | **12** | Connector Size | M12 (12mm thread) | | **RAM** | Orientation | Right Angle, Male | | **05** | Pin Count | 5 Poles (Pins) | | **A** | Coding | A-Coded (Standard for Sensors/DC Power) | | **CL** | Locking Type | Coupled Nut / Screw Lock | | **010** | Length | 1.0 Meter | | **PVC** | Jacket Finish | PVC Outer Jacket | --- ## 2. Electrical Characteristics These parameters define how the part behaves within a circuit: * **Current Rating:** Typically **4A** per contact. * **Voltage Rating:** Usually **60V AC/DC** (Standard for 5-pole A-coded M12). * **Contact Resistance:** $< 10 m\Omega$. * **Insulation Resistance:** $> 100 M\Omega$ at 500V DC. --- ## 3. Physical & Mechanical Properties ### Connector Construction * **Coupling Mechanism:** M12 x 1.0 thread. This is a "Screw-lock" mechanism ensuring the connection does not vibrate loose. * **Contact Plating:** Usually Gold-plated brass to prevent oxidation and ensure reliable signal transmission. * **Orientation:** **Right Angle (90°)**. This is crucial for tight spaces where a straight cable would bend excessively and fail. ### Cable Construction * **Wire Gauge:** Typically **22 AWG** or **24 AWG**. * **Jacket Color:** Usually Black or Grey. * **Environmental Protection:** **IP67 or IP68** rating (when mated), making it waterproof and dust-tight for factory automation environments. --- ## 4. Common Applications This specific cable is widely used in **Industrial Automation (Industry 4.0)** for: 1. **Sensors:** Connecting proximity, photoelectric, or ultrasonic sensors to a PLC. 2. **Actuators:** Powering small valves or motors. 3. **I/O Boxes:** Connecting field devices to M12 distribution blocks. 4. **Fieldbus:** Can be used in CANopen or DeviceNet applications (though those often prefer specific shielding). ---
    ✨ Follow-up Questions
    • ⤷ What is the wiring color code for an A-coded 5-pin M12 connector?
    • ⤷ How does a PVC jacket compare to a PUR jacket in industrial environments?
    • ⤷ Is this cable shielded or unshielded?