PXPPVC12RAM03ACL100PVC
AI

The part number **PXPPVC12RAM03ACL100PVC** refers to a high-quality industrial connectivity component, specifically an M12 circular connector cable assembly from the **Bulgin PXP series**.
Below is a detailed breakdown of its electronic and mechanical specifications.
---
### 1. Part Number Deciphering
| Component Code | Specification | Description |
| :--- | :--- | :--- |
| **PXP** | Series | Bulgin Buccaneer PXP Series |
| **PVC** | Body Material | Polyvinyl Chloride (PVC) overmold |
| **12** | Size | M12 standard industrial connector |
| **RA** | Orientation | Right Angle (90-degree connector head) |
| **M** | Gender | Male Plug |
| **03** | Contacts | 3-Pole (3 pins) |
| **A** | Coding | A-Coded (Standard for sensors/DC power) |
| **CL** | Locking | Screw Lock (M12 thread) |
| **100PVC** | Cable Details | 10.0 meters length / PVC jacket material |
---
### 2. Electrical Characteristics
These parts are designed for sensor-actuator environments and low-voltage power distribution.
* **Rated Voltage:** Typically up to 250V AC/DC (standard for 3-pin M12).
* **Rated Current:** 4A per contact.
* **Contact Resistance:** < 10 mΩ.
* **Insulation Resistance:** > 100 MΩ at 500V DC.
* **Coding:** **A-Coded** is the most common interface for sensors, actuators, and motors in industrial automation.
---
### 3. Mechanical & Environmental Specs
The M12 series is favored for its robustness in "harsh" environments.
| Feature | Specification |
| :--- | :--- |
| **Ingress Protection** | IP67 (Dust tight, protected against immersion) |
| **Coupling Type** | M12 x 1.0 Threaded Nut |
| **Cable Jacket** | PVC (Good resistance to acids and alkalis) |
| **Operating Temp** | -25°C to +85°C (Standard range) |
| **Wire Gauge** | Usually 22 AWG or 24 AWG depending on exact build |
---
### 4. Typical Applications
* **Industrial Automation:** Connecting proximity sensors, limit switches, and photoelectric sensors.
* **Robotics:** Right-angle (RA) connectors are used where space is constrained and a straight cable exit is impossible.
* **Process Control:** Connecting valves and actuators in factory production lines.
---
### 5. Wiring Pinout (Standard A-Coded 3-Pin)
In most industrial standards (IEC 61076-2-101), a 3-pin A-coded cable follows this convention:
```text
Pin 1: Brown (+) Positive Supply
Pin 3: Blue (-) Negative Supply
Pin 4: Black (S) Signal / Switching Output
```
- ⤷
What is the difference between A-coded and B-coded M12 connectors?
- ⤷ Can this cable be used for high-speed Ethernet data transmission?
- ⤷ What are the chemical resistance benefits of a PVC jacket vs a PUR jacket?