PXPPVC12RAM03ACL010PVC
AI

The part number **PXPPVC12RAM03ACL010PVC** refers to a high-quality industrial sensor/actuator cable assembly, typically manufactured by companies like **Bulgin** (as part of their Buccaneer range) or similar industrial connectivity specialists.
Below is a detailed breakdown of the electronic and mechanical specifications for this component.
---
### 1. Part Number Decoder
Based on industrial standards for M12 connectivity, here is the functional breakdown of the code:
| Segment | Meaning | Specification Details |
| :--- | :--- | :--- |
| **PXP** | Series Prefix | Buccaneer Automation / Industrial series |
| **PVC** | Jacket Material | Polyvinyl Chloride (General purpose insulation) |
| **M12** | Thread Type | Standard Metric M12 locking thread |
| **RA** | Orientation | **Right Angle** connector head |
| **M** | Gender | **Male** Connector |
| **03** | Pole Count | **3-Pin** configuration |
| **A** | Coding | **A-Coded** (Standard for sensors/DC power) |
| **CL** | Coupling | Metal Screw Nut / Coupling Nut |
| **010** | Length | **1.0 Meter** cable length |
| **PVC** | Cable Type | Standard PVC jacketed cable |
---
### 2. Electrical Specifications
These parameters define the safe operating limits for the electronic signals passing through the cable.
* **Rated Voltage:** Typically **250V AC/DC** (Standard for 3-pin M12 A-coded).
* **Rated Current:** Usually **4A per contact**.
* **Contact Resistance:** $< 5 m\Omega$.
* **Insulation Resistance:** $> 100 M\Omega$.
* **Coding:** **A-Coded**, which prevents it from being plugged into Ethernet (D-coded) or Power (L/S-coded) ports, ensuring circuit protection.
---
### 3. Mechanical & Environmental Properties
| Feature | Specification |
| :--- | :--- |
| **Ingress Protection** | IP67 or IP68 (When mated/tightened) |
| **Body Material** | TPU / Polyurethane overmold |
| **Contact Material** | Brass, Gold Plated (for high conductivity and corrosion resistance) |
| **Coupling Nut** | Nickel-plated Brass |
| **Operating Temp** | -25°C to +80°C (Typical for PVC) |
---
### 4. Common Applications
This specific part is designed for the following use cases:
1. **Sensors:** Connecting Proximity, Photoelectric, or Ultrasonic sensors to a PLC.
2. **Actuators:** Powering small solenoid valves or indicators.
3. **Factory Automation:** Used in conveyor systems and assembly lines where a right-angle connection is needed to save space in tight enclosures.
---
### 5. Wiring Color Code (Standard A-Coded 3-Pin)
If you are terminating the open end of the cable, the standard wiring is usually:
```markdown
Pin 1: Brown (+) Positive Supply
Pin 3: Blue (-) Negative Supply
Pin 4: Black (S) Switching Signal / Output
```
---
- ⤷What is the difference between PVC and PUR cable jackets for M12 connectors?
- ⤷ Can an A-coded M12 cable be used for high-speed data transmission?
- ⤷ How does the Right Angle (RA) orientation affect the installation clearance?