PXPPVC08RAM05BCL150PVC
AI

The part number **PXPPVC08RAM05BCL150PVC** refers to a high-quality industrial connectivity component, specifically an **M8 Circular Connector Cable Assembly** from the Bulgin Buccaneer series.
Below is a detailed breakdown of its electronic and physical specifications.
---
### 1. Part Number Breakdown
| Segment | Meaning | Specification |
| :--- | :--- | :--- |
| **PXP** | Series | Bulgin Buccaneer standard industrial series |
| **PVC** | Material | Polyvinyl Chloride (PVC) jacket/body |
| **08** | Size | M8 Threaded Connector |
| **RAM** | Orientation | Right Angle Male |
| **05** | Pins | 5 Poles / 5 Contacts |
| **BCL** | Locking | Screw-lock mechanism (B-code style) |
| **150** | Length | 1.5 Meters |
| **PVC** | Cable Type | PVC Insulation |
---
### 2. Technical Specifications
#### Electrical Characteristics
* **Current Rating:** Typically 3A per contact.
* **Voltage Rating:** Rated for 30V AC/DC (standard for 5-pole M8).
* **Contact Resistance:** < 10mΩ.
* **Insulation Resistance:** > 100MΩ at 500V DC.
#### Mechanical & Environmental
* **Ingress Protection (IP):** IP67 rating (when mated), meaning it is dust-tight and protected against temporary immersion in water.
* **Coupling:** M8 x 1.0 thread with a screw-locking nut.
* **Body Material:** TPU/PVC.
* **Contact Material:** Brass with Gold plating (ensures high conductivity and prevents oxidation).
* **Operating Temperature:** -25°C to +80°C.
---
### 3. Applications
This specific part is widely used in factory automation and sensor technology due to its compact size and ruggedness:
1. **Industrial Sensors:** Connecting proximity switches, photoelectric sensors, and limit switches.
2. **Actuators:** Powering small solenoid valves or motor controllers.
3. **Robotics:** Used in "end-of-arm" tooling where space is limited and right-angle cable routing is required to prevent strain.
4. **PLC Connections:** Interfacing field devices with Programmable Logic Controllers.
---
### 4. Comparison: PVC vs. PUR Jackets
While this part uses **PVC**, it is important to know why this material was chosen:
| Feature | PVC (This Part) | PUR (Polyurethane) |
| :--- | :--- | :--- |
| **Cost** | More economical | More expensive |
| **Flexibility** | Moderate | High (better for constant motion) |
| **Chemical Resistance** | Good for salts/acids | Excellent for oils/coolants |
| **Best Use** | Static installations | Dynamic/Robotic installations |
- ⤷
What is the pinout configuration for the 5-pole M8 B-code connector?
- ⤷ Can this cable be used in washdown environments with aggressive cleaning agents?
- ⤷ What is the minimum bend radius for this 1.5m PVC cable?