PXPPVC08RAM03ACL030PVC
AI

The part number **PXPPVC08RAM03ACL030PVC** refers to a high-quality industrial sensor cable assembly, typically manufactured by companies like **Bulgin** (specifically their Buccaneer series). This component is designed for automation, sensing, and control applications in harsh environments.
### Part Number Breakdown
The following table decodes the specifications based on the standard naming convention for this series:
| Segment | Meaning | Specification Details |
| :--- | :--- | :--- |
| **PXP** | Series | Buccaneer M8 Series (Plastic Body) |
| **PVC** | Cable Material | Polyvinyl Chloride (Standard industrial grade) |
| **08** | Size | M8 Threaded Connector |
| **RAM** | Orientation | Right Angle Male Connector |
| **03** | Poles | 3-Pin configuration |
| **A** | Coding | A-Coded (Standard for sensors/DC power) |
| **CL030** | Length | 3.0 Meters |
| **PVC** | Jacket Type | PVC outer sleeve |
---
### Technical Specifications
The electronic and mechanical characteristics of this assembly are built for durability and reliability:
#### 1. Electrical Characteristics
* **Voltage Rating:** Typically up to 60V AC/DC.
* **Current Rating:** Approximately 3A per contact.
* **Contact Resistance:** < 10 mΩ.
* **Coding:** **A-Coding** is the industry standard for actuators, sensors, and small motors to prevent mismatching with data or Ethernet cables.
#### 2. Mechanical & Environmental
* **IP Rating:** IP67 when mated (dust-tight and protected against immersion in water).
* **Coupling Nut:** Usually nickel-plated brass or plastic, providing a secure vibration-resistant connection.
* **Temperature Range:** -25°C to +85°C (standard PVC limits).
* **Mounting:** Right-angle (90-degree) head allows for cable routing in tight spaces where a straight connector would protrude too far.
---
### Common Applications
This specific part is widely used in the following sectors:
* **Industrial Automation:** Connecting proximity sensors, limit switches, and photoelectric sensors to I/O boxes.
* **Robotics:** Used in end-of-arm tooling where space is restricted (due to the right-angle design).
* **Food & Beverage:** Provided the chemical resistance of PVC is suitable for the specific cleaning agents used.
---
- ⤷
What is the difference between A-coded and B-coded M8 connectors?
- ⤷ How does PVC cable compare to PUR cable in industrial environments?
- ⤷ Can this connector be used for data transmission or only power?