công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • PX-2600-RCC-KB

  • AI
    The **PX-2600-RCC-KB** refers to a high-performance, rack-mount chassis system, typically associated with industrial computing or high-density storage networking (such as PCIe expansion systems). The "RCC" often stands for **Remote Cable Connectivity**, indicating it is part of a system designed to extend PCIe signals over external cables. Below is an overview of the electronic components and internal architecture common to this class of hardware. --- ### 1. Core Internal Components The system is built around a high-speed backplane and power distribution system designed for low-latency data transfer. | Component | Description | Function | | :--- | :--- | :--- | | **PCIe Switch Fabric** | High-speed ICs (often PLX or Broadcom chips) | Routes data packets between the host and expansion slots. | | **Backplane / Risers** | Multi-layer PCB with high signal integrity | Provides physical slots for GPU/FPGA/NVMe cards. | | **Management Controller** | Baseboard Management Controller (BMC) | Monitors temperatures, fan speeds, and power status (IPMI). | | **Redundant PSUs** | Dual 80+ Platinum/Titanium Power Supplies | Ensures 24/7 uptime via failover mechanisms. | --- ### 2. High-Speed Connectivity (The "RCC" Aspect) The "RCC" (Remote Cable Connectivity) designation highlights specific electronic parts used to bridge the gap between a host server and this expansion unit. * **Re-timers and Re-drivers:** These integrated circuits are placed near the I/O ports to boost signal strength and remove "jitter" caused by long cable runs. * **SFF-8644 or OCuLink Ports:** Specialized high-density connectors that carry PCIe Gen3 or Gen4 signals over copper or optical cables. * **Clock Buffers:** Ensures that the timing of the expansion unit is perfectly synchronized with the host CPU clock. --- ### 3. Power and Thermal Management Because these units often house power-hungry components like GPUs, the electronics must handle significant current. ```yaml Power_Subsystem: Input: 100-240V AC (Redundant) DC_Conversion: DC-to-DC converters (12V to 3.3V/5V) Filtering: High-capacitance polymer capacitors for ripple reduction Thermal_Subsystem: Sensors: Thermistors placed near PCIe slots Control: Pulse Width Modulation (PWM) controllers for fan speed curves ``` --- ### 4. Interface and Indicator Electronics The "KB" suffix often denotes a specific configuration of the interface or physical rack layout. * **Status LEDs:** Driven by a logic controller to indicate "Link Up," "Power Good," or "System Fault." * **EEPROM:** Stores configuration data and firmware for the PCIe switch. * **JTAG Interface:** Internal pins used for factory programming and debugging the logic boards. ---
    ✨ Follow-up Questions
    • ⤷What are the specific PCIe generation speeds supported by this model?
    • ⤷ Does this chassis support hot-swapping for individual expansion cards?
    • ⤷ What is the total power wattage available for the PCIe slots?