PWHM1015-R100
AI

The **PWHM1015-R100** is a specific type of **Power Inductor**, typically used in high-frequency DC-DC converter applications. These components are designed to handle high current loads while maintaining a small physical footprint.
---
### Technical Specifications
Based on standard naming conventions for this series (often associated with manufacturers like Cyntec or similar power component specialists), here are the typical technical parameters:
| Parameter | Specification (Typical) |
| :--- | :--- |
| **Inductance** | 0.10 µH (100nH) |
| **Tolerance** | ±20% |
| **DC Resistance (DCR)** | Very Low (typically < 0.5 mΩ) |
| **Saturation Current (Isat)** | High (often 40A - 60A+) |
| **Operating Temperature** | -40°C to +125°C |
| **Material** | Metal Alloy / Powder Core |
---
### Key Internal Components
1. **Core Material:**
* Constructed using a **Metal Powder Core**. Unlike traditional ferrite cores, metal powder allows for "soft saturation," meaning the inductance doesn't drop off instantly when the current increases.
2. **Coil Construction:**
* Usually utilizes a **Flat Wire (Ribbon)** design. Flat wire reduces the "Skin Effect" at high frequencies and allows for a lower DCR (Direct Current Resistance), which minimizes heat loss.
3. **Shielding:**
* The part is **Molded/Shielded**. The magnetic material completely surrounds the coil, which significantly reduces Electromagnetic Interference (EMI) that could affect nearby sensitive components.
---
### Common Applications
Due to its very low inductance (0.10 µH) and high current capability, this part is used in:
* **Vcore Power Supplies:** Providing power to CPUs and GPUs in laptops and servers.
* **Voltage Regulator Modules (VRM):** High-speed switching regulators.
* **Point of Load (POL) Converters:** Decentralized power management on complex PCBs.
---
### Advantages vs. Disadvantages
| Pros | Cons |
| :--- | :--- |
| Extremely low DCR saves battery life. | Low inductance requires high switching frequencies. |
| Excellent thermal stability. | Metal powder can be more expensive than ferrite. |
| Compact SMD (Surface Mount) design. | Susceptible to physical cracking if handled roughly. |
- ⤷
What is the significance of the R100 suffix in the part number?
- ⤷ How does a metal powder core differ from a ferrite core in power inductors?
- ⤷ Which manufacturers are the primary producers of the PWHM series?