PWHM1010-R100
AI

The **PWHM1010-R100** is a high-current, surface-mount (SMD) Power Inductor. These components are critical in modern electronics for energy storage and noise filtering, particularly in high-frequency power conversion circuits.
---
### 1. Key Technical Specifications
Based on the standard nomenclature for this series, here are the technical characteristics:
| Parameter | Specification (Typical) |
| :--- | :--- |
| **Inductance** | 0.10 µH (indicated by "R100") |
| **Tolerance** | ±20% |
| **Case Size** | 1010 (approx. 10mm x 10mm) |
| **Material** | Metal Alloy / Carbonyl Powder |
| **Current Rating (Isat)** | High (typically 30A - 60A+) |
| **DCR (DC Resistance)** | Ultra-low (typically < 1.0 mΩ) |
---
### 2. Physical Construction
The "PWHM" series typically utilizes a **Molded Inductor** construction. This involves:
* **Winding:** A heavy-gauge copper wire coil.
* **Magnetic Core:** The coil is encapsulated in a metallic powder (iron/alloy) mixed with resin.
* **Shielding:** The molded design provides "magnetic shielding," which reduces Electromagnetic Interference (EMI) with surrounding components.
---
### 3. Electronic Functionality
This part serves several vital roles within a circuit:
1. **Energy Storage:** In a DC-DC converter (Buck/Boost), it stores energy in its magnetic field during the "on" cycle and releases it during the "off" cycle.
2. **Ripple Suppression:** Because it has very low inductance (0.10 µH), it is optimized for **very high-frequency switching**, smoothing out current ripples in high-speed power rails.
3. **Low DCR Loss:** The "R100" (0.10 µH) version is designed for high efficiency. Its low DC resistance ensures minimal power is wasted as heat, even when passing high amounts of current.
---
### 4. Common Applications
Due to its high current handling and small footprint, the PWHM1010-R100 is commonly found in:
* **Graphics Cards (GPUs):** VRM (Voltage Regulator Module) phases.
* **Server Motherboards:** High-current CPU power delivery.
* **DC-DC Converters:** Point-of-load (POL) modules.
* **Industrial Power:** High-density power supplies.
---
### 5. Part Number Breakdown
* **PWHM:** Series designation (High-current molded inductor).
* **1010:** Dimensions (approx. 10.0 x 10.0 mm).
* **R100:** Inductance value ($R = \text{decimal point}$). $0.100\text{ }\mu\text{H}$.
- ⤷
What is the difference between an R100 and a 1R0 inductor in this series?
- ⤷ How does the metal alloy core improve performance over traditional ferrite cores?
- ⤷ What are the soldering temperature requirements for the PWHM1010-R100?